Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 39 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 35Page - Texas Instruments DP83848MPHPREP Datasheet HTML 36Page - Texas Instruments DP83848MPHPREP Datasheet HTML 37Page - Texas Instruments DP83848MPHPREP Datasheet HTML 38Page - Texas Instruments DP83848MPHPREP Datasheet HTML 39Page - Texas Instruments DP83848MPHPREP Datasheet HTML 40Page - Texas Instruments DP83848MPHPREP Datasheet HTML 41Page - Texas Instruments DP83848MPHPREP Datasheet HTML 42Page - Texas Instruments DP83848MPHPREP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
39
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
If the DP83848-EP is transmitting in 10 Mbps mode when a collision is detected, the collision is not
reported until seven bits have been received while in the collision state. This prevents a collision being
reported incorrectly due to noise on the network. The COL signal remains set for the duration of the
collision.
If a collision occurs during a receive operation, it is immediately reported by the COL signal.
When heartbeat is enabled (only applicable to 10 Mbps operation), approximately 1 µs after the
transmission of each packet, a Signal Quality Error (SQE) signal of approximately 10 bit times is
generated (internally) to indicate successful transmission. SQE is reported as a pulse on the COL signal of
the MII.
5.4.1.3
Carrier Sense
Carrier Sense (CRS) is asserted due to receive activity, once valid data is detected via the squelch
function during 10 Mbps operation. During 100 Mbps operation CRS is asserted when a valid link (SD)
and two non-contiguous zeros are detected on the line.
For 10 or 100 Mbps Half Duplex operation, CRS is asserted during either packet transmission or
reception.
For 10 or 100 Mbps Full Duplex operation, CRS is asserted only due to receive activity.
CRS is deasserted following an end of packet.
5.4.2
Reduced MII Interface
The DP83848-EP incorporates the Reduced Media Independent Interface (RMII) as specified in the RMII
specification (rev1.2) from the RMII Consortium. This interface may be used to connect PHY devices to a
MAC in 10/100 Mbps systems using a reduced number of pins. In this mode, data is transferred 2-bits at a
time using the 50-MHz RMII_REF clock for both transmit and receive. The following pins are used in RMII
mode:
•
TX_EN
•
TXD[1:0]
•
RX_ER (optional for MAC)
•
CRS_DV
•
RXD[1:0]
•
X1 (RMII Reference clock is 50 MHz)
In addition, the RMII mode supplies an RX_DV signal which allows for a simpler method of recovering
receive data without having to separate RX_DV from the CRS_DV indication. This is especially useful for
diagnostic testing where it may be desirable to externally loop Receive MII data directly to the transmitter.
Because the reference clock operates at 10 times the data rate for 10 Mbps operation, transmit data is
sampled every 10 clocks. Likewise, receive data will be generated every 10th clock so that an attached
device can sample the data every 10 clocks.
RMII mode requires a 50-MHz oscillator be connected to the device X1 pin. A 50-MHz crystal is not
supported.
To tolerate potential frequency differences between the 50-MHz reference clock and the recovered receive
clock, the receive RMII function includes a programmable elasticity buffer. The elasticity buffer is
programmable to minimize propagation delay based on expected packet size and clock accuracy. This
allows for supporting a range of packet sizes including jumbo frames.
The elasticity buffer will force Frame Check Sequence errors for packets which overrun or underrun the
FIFO. Underrun and Overrun conditions can be reported in the RMII and Bypass Register (RBR). Table 5-
3 indicates how to program the elasticity buffer fifo (in 4-bit increments) based on expected max packet
size and clock accuracy. It assumes both clocks (RMII Reference clock and far-end Transmitter clock)
have the same accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com