Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848MPHPREP Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 78 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 74Page - Texas Instruments DP83848MPHPREP Datasheet HTML 75Page - Texas Instruments DP83848MPHPREP Datasheet HTML 76Page - Texas Instruments DP83848MPHPREP Datasheet HTML 77Page - Texas Instruments DP83848MPHPREP Datasheet HTML 78Page - Texas Instruments DP83848MPHPREP Datasheet HTML 79Page - Texas Instruments DP83848MPHPREP Datasheet HTML 80Page - Texas Instruments DP83848MPHPREP Datasheet HTML 81Page - Texas Instruments DP83848MPHPREP Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 98 page
background image
Pin 19 (PFBOUT)
Pin 16 (PFBIN1)
Pin 30 (PFBIN2)
10 PF
0.1 PF
0.1 PF
0.1 PF
+
-
78
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Application and Implementation
Copyright © 2012–2019, Texas Instruments Incorporated
Figure 6-4. Power Feedback Connection
6.2.1.4
Power Down and Interrupt
The power down and interrupt functions are multiplexed on pin 7 of the device. By default, this pin
functions as a power down input and the interrupt function is disabled. Setting bit 0 (INT_OE) of MICR
(0x11h) will configure the pin as an active low interrupt output.
6.2.1.4.1 Power Down Control Mode
The PWR_DOWN/INT pin can be asserted low to put the device in a power down mode. This is equivalent
to setting bit 11 (power down) in the basic mode control register, BMCR (0x00h). An external control
signal can be used to drive the pin low, overcoming the weak internal pullup resistor. Alternatively, the
device can be configured to initialize into a power down state by use of an external pulldown resistor on
the PWR_DOWN/INT pin. Since the device will still respond to management register accesses, setting the
INT_OE bit in the MICR register will disable the PWR_DOWN/INT input, allowing the device to exit the
power down state.
6.2.1.4.2 Interrupt Mechanisms
The interrupt function is controlled via register access. All interrupt sources are disabled by default. Setting
bit 1 (INTEN) of MICR (0x11h) will enable interrupts to be output, dependent on the interrupt mask set in
the lower byte of the MISR (0x12h). The PWR_DOWN/INT pin is asynchronously asserted low when an
interrupt condition occurs. The source of the interrupt can be determined by reading the upper byte of the
MISR. One or more bits in the MISR will be set, denoting all currently pending interrupts. Reading of the
MISR clears ALL pending interrupts.
Example: To generate an interrupt on a change of link status or on a change of energy detect power state,
the steps would be:
•
Write 0003h to MICR to set INTEN and INT_OE
•
Write 0060h to MISR to set ED_INT_EN and LINK_INT_EN
•
Monitor PWR_DOWN/INT pin
When PWR_DOWN/INT pin asserts low, user would read the MISR register to see if the ED_INT or
LINK_INT bits are set, i.e. which source caused the interrupt. After reading the MISR, the interrupt bits
should clear and the PWR_DOWN/INT pin will deassert.
6.2.1.5
Magnetics
The magnetics have a large impact on the PHY performance as well. While several components are listed
below, others may be compatible following the requirements listed in Table 6-4. It is recommended that
the magnetics include both an isolation transformer and an integrated common mode choke to reduce
EMI. When doing the layout, do not run signals under the magnetics. This could cause unwanted noise
crosstalk. Likewise void the planes under discrete magnetics, this will help prevent common mode noise
coupling. To save board space and reduce component count, an RJ-45 with integrated magnetics may be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com