Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT070DNDFWD Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Item
Feature
Spec
Unit
TFT
Size
7
inch
Resolution
1280(RGB) x 800
--
Interface
LVDS
--
Color Depth
16.7M
--
Technology Type
a-Si
--
Pixel Pitch
0.117(H) x 0.117 (V)
mm
Pixel Configuration
R.G.B. Vertical Stripe
--
Display Mode
SFT with Normally Black
--
Surface Treatment(Up Polarizer)
HC
--
LCM (W x H x D)
161.0×107.0×3.35
mm
Mechanical
Characteristics
LED Numbers
21 LEDs
--
Weight
TBD
g
Operation temperature
-20~70
℃
Storage temperature
-30~80
℃
Electrical
Characteristics
Interface
LVDS 40 Pin
Driver IC
3*ST5821C and 1*ST5084C
Model No. LMT070DNDFWD
1 General Specification
Note 1: Requirements on Environmental Protection: Q/S0002
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 4 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com