Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 18 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 18 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DNDFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Model No. LMT070DNDFWD
9).Color coordinate tolerance >0.05
3. Each test item applies for a test sample only once, The test sample can not be used again in any
other test item.
4.For Damp Proof Test, Pure water(Resistance>10MΩ) should be used.
5.In case of malfunction defect caused by ESD damage, if it would be recovered to normal state
after resetting, it would be judge as a good part.
6 In the test of High Temperature Operation and High Temperature & Humidity Operation ,the
operation temperature is the surface temperature of module
7 High Temperature Operation Low Temperature Operation High Temperature Storage Low
Temperature Storage High Temperature & Humidity Operation High Temperature & Humidity
Storage will be increased the test time to 1000hours in the same conditions to test out the ability of
module, and we can not guarantee that the module will not fail during 1000hours.These items test
only once
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 18 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com