Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 17 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 17 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DNDFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
No
Test Item
Condition
Remarks
1
High Temperature
Operation
Ta = +70℃, 240 hours
IEC60068-2-1:2007
GB2423.2-2008
2
Low Temperature
Operation
Ta = -20℃, 240 hours
IEC60068-2-1:2007
GB2423.1-2008
3
High Temperature
Storage
Ta = +80℃, 240 hours
IEC60068-2-1:2007
GB2423.2-2008
4
Low Temperature
Storage
Ta = -30℃, 240 hours
IEC60068-2-1:2007
GB2423.1-2008
5
Storage at High
Temperature and
Humidity
Ta=+60℃、RH=90%, 240 hours
IEC60068-2-78 :2001
GB/T2423.3—2006
6
Thermal Shock
(non-operation)
-30℃ 30min
⇔ 80℃ 30min ,Change
Time:5min,20cycle
Start with cold
temperature,
End with high
temperature,
IEC60068-2-14:1984,G
B2423.22-2002
7
ESD
C=150pF R=330Ω
Air: ±8KV Contact:±4KV
5point/panel,
5times
(Environment:15℃~35℃
30%~60%.86Kpa~106Kpa)
IEC61000-4-2:2001
GB/T17626.2-2006
8
Vibration Test
Frequency range:10~55Hz
Stroke: 1.5mm
Sweep: 10Hz~55Hz~10Hz
2 hours for each direction of X.Y.Z.
(6 hours for total)
IEC60068-2-6:1982
GB/T2423.10—1995
9
Mechanical Shock
(Non OP)
Half Sine Wave
60G ,6ms,±X,±Y,±Z
3times for each direction
IEC60068-2-27:1987
GB/T2423.5—1995
10 Package Drop Test
Height:60cm,
1corner,3edges,6surfaces
IEC60068-2-32:1990
GB/T2423.8—1995
Model No. LMT070DNDFWD
7 Reliability Test
Notes:
1. The test result shall be evaluated after the sample has been left at room temperature and
humidity for 2 hours without load. No condensation shall be accepted. The sample will not be
accepted if appear these defects:
1).Air bubble in the LCD;
2).Seal leak
3).Non-display
4).missing segments
5).Glass crack
6).CR reduction >40%
7).IDD increase >100%
8).Brightness reduction >50%
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 17 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com