Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DNDFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Model No. LMT070DNDFWD
Differential input
leakage Current
RVXliz
-10
v
+10
uA
LVDS Digital
Operating Current
LVDS Digital
Stand-by Current
Iddlvds
Istlvds
–
–
40
10
50
50
mA
uA
Fclk=65MHz,
VDD=3.3V
Clock & all
functions are
stopped
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 10 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com