Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DNDFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Item
Symbol Condition
Min
Typ
Max
Unit
Remark
Forward Voltage
VLED
IF=140mA
--
9.3
10.2
V
Note 1
Note 2
Forward Current
IF
-
-
140
-
mA
Backlight Power Consumption
WBL
IF=140mA
--
1302
1428
mW
Life Time
-
IF=140mA
--
30,000-
-
Hrs
Note 3
Model No. LMT070DNDFWD
4.2 TFT Driving Backlight
Table 4.2 LED backlight characteristics
Note 1: IF is defined for one channel LED. There are total three LED channels in back light unit.
Under LCM operating, the stable forward current should be inputted.
Note 2: Optical performance should be evaluated at Ta=25℃ only.
Note 3: If LED is driven by high current, high ambient temperature & humidity condition. The life
time of LED will be reduced. Operating life means brightness goes down to 50% initial brightness.
Typical operating life time is estimated data.
Figure 4.1 LED connection of backlight
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 7 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com