Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 15 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 15 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DNDFWD Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Item
Photo detector
Field
Contrast Ratio
SR-3A
1°
Luminance
Chromaticity
Lum Uniformity
Response Time
BM-7A
2°
Model No. LMT070DNDFWD
Note 1: Definition of optical measurement system.
The optical characteristics should be measured in dark room. After 10 Minutes operation, the optical
properties are measured at the center point of the LCD screen. All input terminals LCD panel must
be ground when measuring the center area of the panel.
Photo detector
Field
TFT-LCD
Module
500m
m
LCD Panel
The center of the screen
Note 2: Definition of viewing angle range and measurement system.
viewing angle is measured at the center point of the LCD by CONOSCOPE(ergo-80)
Note 3: Definition of contrast ratio
“White state “: The state is that the LCD should drive by Vwhite.
“Black state”: The state is that the LCD should drive by Vblack.
Vwhite: To be determined Vblack: To be determined.
Note 4: Definition of Response time
The response time is defined as the LCD optical switching time interval between “White” state and
“Black” state. Rise time (TON) is the time between photo detector output intensity changed from 90%
to 10%. And fall time (TOFF) is the time between photo detector output intensity changed from 10%
to 90%.
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 15 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com