Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DNDFWD Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Item
Symbol
Min
Max
Unit
Remark
Power Voltage
VDD
-0.5
5.0
V
AVDD
-0.5
14.85
V
VGH
-0.3
20.0
V
VGL
-20.0
0.3
V
Backlight Forward Current
ILED
–
25
mA
For each LED
Operating Temperature
TOPR
-20
70
℃
Storage Temperature
TSTG
-30
80
℃
Item
Symbol
Min
Typ
Max
Unit
Remark
Digital Supply Voltage
VDD
3.0
3.3
3.6
V
Analog Supply Voltage
AVDD
10.5
11
11.5
V
Gate On Voltage
VGH
17.5
18.0
18.5
V
Gate Off Voltage
VGL
-7.1
-6.8
-6.5
V
Common Electrode
Driving Signal
VCOM
3.45
3.55
3.65
V
With the VR Knob
Item
Symbol
Min
Typ
Max
Unit
Remark
VDD Current
IVDD
29.7
53
82.7
mA
AVDD Current
IAVDD
23.2
41.5
64.7
mA
VGH Current
IVGH
0.228
0.408
0.637
mA
VGL Current
IVGL
0.228
0.408
0.637
mA
VCOM Current
IVCOM
0.003
0.005
0.008
mA
Model No. LMT070DNDFWD
Note1: I/O definition.
I---Input, O---Output, P--- Power/Ground, N--- No connection
3 Absolute Maximum Ratings
GND=0V, Ta = 25℃
Table 3.1 absolute maximum rating
4 Electrical Characteristics
4.1 Driving TFT LCD Panel
4.1.1 Voltage Characteristic
Ta = 25℃
Table 4.1.1 LCD module electrical characteristics(voltage)
4.1.2 Current Characteristic
Table 4.1.2 LCD module electrical characteristic(current)
Note: test in the white picture.
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 6 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com