Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 20 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 20 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DNDFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Model No. LMT070DNDFWD
9 Precautions for Use of LCD Modules
9.1 Handling Precautions
9.1.1 The display panel is made of glass. Do not subject it to a mechanical shock by
dropping it from a high place, etc.
9.1.2 If the display panel is damaged and the liquid crystal substance inside it leaks out,
be sure not to get any in your mouth, if the substance comes into contact with
your skin or clothes, promptly wash it off using so
9.1.3 Do not apply excessive force to the display surface or the adjoining areas since
this may cause the color tone to vary.
9.1.4 The polarizer covering the display surface of the LCD module is soft and easily
scratched. Handle this polarizer carefully.
9.1.5 If the display surface is contaminated, breathe on the surface and gently wipe it
with a soft dry cloth. If still not completely clear, moisten cloth with one of the
following solvents:
— Isopropyl alcohol
— Ethyl alcohol
Solvents other than those mentioned above may damage the polarizer.
Especially, do not use the following:
— Water
— Ketone
— Aromatic solvents
9.1.6 Do not attempt to disassemble the LCD Module.
9.1.7 If the logic circuit power is off, do not apply the input signals.
9.1.8 To prevent destruction of the elements by static electricity, be careful to maintain
an optimum work environment.
a. Be sure to ground the body when handling the LCD Modules.
b. Tools required for assembly, such as soldering irons, must be properly ground.
c. To reduce the amount of static electricity generated, do not conduct assembly
and other work under dry conditions.
d. The LCD Module is coated with a film to protect the display surface. Be care
when peeling off this protective film since static electricity may be generated.
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 20 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com