Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 14 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 14 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DNDFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Item
Symbol Condition
Min
Typ
Max
Unit
Remark
View Angles
θT
CR≧10
80
88
-
Degree Note 2
θB
80
88
-
θL
80
88
-
θR
80
88
-
Contrast Ratio
CR
θ=0°
600
800
-
Left/right 0°
Top/bottom 5°
Response Time
TON
25℃
-
35
40
ms
Note1
Note4
TOFF
Chromaticity
White
x
0.256
0.306
0.356
Note5
Note1
y
0.279
0.329
0.379
Red
x
0.520
0.570
0.620
y
0.280
0.330
0.380
Green
x
0.300
0.350
0.400
y
0.542
0.592
0.642
Blue
x
0.105
0.155
0.205
y
0.051
0.101
0.151
Uniformity
U
70
75
-
%
Note1 Note6
NTSC
45
50
-
%
Luminance
L
320
400
-
2
cd/m
Note7
Model No. LMT070DNDFWD
6 Optical Characteristics
6.1 TFT Optical Characteristics
Test Conditions:
1. IF= 20mA(one channel), the ambient temperature is 25℃.
2. The test systems refer to Note 1 and Note 2.
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 14 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com