Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 21 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 21 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DNDFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Model No. LMT070DNDFWD
9.2 Storage precautions
9.2.1 When storing the LCD modules, avoid exposure to direct sunlight or to the light of
fluorescent lamps.
9.2.2 The LCD modules should be stored under the storage temperature range. If the
LCD modules will be stored for a long time, the recommend condition is:
Temperature :
Relatively humidity:
0℃ ~ 40℃
≤80%
9.2.3 The LCD modules should be stored in the room without acid, alkali and harmful
gas.
9.3 The LCD modules should be no falling and violent shocking during
transportation, and also should avoid excessive press, water, damp and
sunshine.
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 21 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com