Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT070DNDFWD Datasheet(PDF) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT070DNDFWD
Description  Preliminary Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT070DNDFWD Datasheet(HTML) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT070DNDFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LMT070DNDFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Clock Frequency
RxFCLK
20
-
80
MHz
Input data skew
margin
TRSKM
500
–
–
ps
|VID|= 400mV,
RxVCM=1.2V
xFCLK
=80MHz
Clock high time
TLVCH
–
4/7
–
RxFCLK
Clock low time
TLVCL
–
3/7
–
RxFCLK
PLL wake-up time
TenPLL
–
–
150
us
Model No. LMT070DNDFWD
5 Timing Chart
5.1 AC Electrical Characteristics
5.2 DC Electrical Characteristics
VGH=18V, VGL=-7V, VDD=3.3V, GND=0V, Ta=25℃
Parameter
Symbol
Min
Typ
Max
Unit
Remark
Differential input
high Threshold
RXVTH
–
–
+0.1
V
voltage
Differential input
Low Threshold
RXVTL
-0.1
–
–
V
voltage
Input voltage range
RXVIN
0
–
VDD-1.0
V
Differential input
common
RXVCM
|VID |/2
–
2.4-|VID |/2
V
Mode voltage
Differential input
voltage
|VID |
0.2
v
0.6
V
The information contained herein is the exclusive property of SHENZHEN TOPWAY TECHNOLOGY CO.,LTD.
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
SHENZHEN TOPWAY TECHNOLOGY CO.,LTD..
Page 9 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com