Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 110Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 113Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 114Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 115Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 116Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 117Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
114
Freescale Semiconductor
Preliminary
6.5.1
SIM Control Register (SIM_CONTROL)
Figure 6-3 SIM Control Register (SIM_CONTROL)
6.5.1.1
Reserved—Bits 15–7
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
Add.
Offset
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
$0
SIM_
CONTROL
R
0
0
0
0
0
0
0
0
0
EMI_
MODE
ONCE
EBL0
SW
RST
STOP_
DISABLE
WAIT_
DISABLE
W
$1
SIM_
RSTSTS
R
0
0
0
0
0
0
0
0
0
0
SWR
COPR EXTR
POR
0
0
W
$2
SIM_SCR0
R
FIELD
W
$3
SIM_SCR1
R
FIELD
W
$4
SIM_SCR2
R
FIELD
W
$5
SIM_SCR3
R
FIELD
W
$6
SIM_MSH_
ID
R
0
0
0
0
0
0
0
1
1
1
0
1
0
1
1
0
W
$7
SIM_LSH_ID
R
1
1
0
1
0
0
0
0
0
0
0
1
1
1
0
1
W
$8
SIM_PUDR
R
0
PWMA
1
CAN
EMI_
MODE
RESET
IRQ
XBOOT PWMB
PWMA
0
0
CTRL
0
JTAG
0
0
0
W
Reserved
$A
SIM_
CLKOSR
R
0
0
0
0
0
0
A23
A22
A21
A20
CLKDIS
CLKOSEL
W
$B
SIM_GPS
R
0
0
0
0
0
0
0
0
0
0
D1
D0
C3
C2
C1
C0
W
$C
SIM_PCE
R
EMI
ADCB
ADCA
CAN
DEC1
DEC0
TMRD TMRC
TMRB
TMRA
SCI1
SCI0
SPI1
SPI0
PWM
B
PWM
A
W
$D
SIM_ISALH
R
1
1
1
1
1
1
1
1
1
1
1
1
1
1
ISAL[23:22]
W
$E
SIM_ISALL
R
ISAL[21:6]
W
$F
SIM_PCE2
R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CAN2
W
= Reserved
Figure 6-2 SIM Register Map Summary
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
EMI_
MODE
ONCE
EBL
SW
RST
STOP_
DISABLE
WAIT_
DISABLE
Write
RESET
0
0
00
00
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com