Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 113Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 114Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 115Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 116Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 117Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 184 page
background image
Register Descriptions
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
115
Preliminary
6.5.1.2
EMI_MODE (EMI_MODE)—Bit 6
This bit reflects the current (non-clocked) state of the EMI_MODE pin. During reset, this bit, coupled with
the EXTBOOT signal, is used to initialize address bits [19:16] either as GPIO or as address. These settings
can be explicitly overwritten using the appropriate GPIO peripheral enable register at any time after reset.
In addition, this pin can be used as a general purpose input pin after reset.
•
0 = External address bits [19:16] are initially programmed as GPIO
•
1 = When booted with EXTBOOT = 1, A[19:16] are initially programmed as address. If EXTBOOT is 0,
they are initialized as GPIO.
6.5.1.3
OnCE Enable (OnCE EBL)—Bit 5
•
0 = OnCE clock to 56800E core enabled when core TAP is enabled
•
1 = OnCE clock to 56800E core is always enabled
6.5.1.4
Software Reset (SW RST)—Bit 4
This bit is always read as 0. Writing a 1 to this bit will cause the part to reset.
6.5.1.5
Stop Disable (STOP_DISABLE)—Bits 3–2
•
00 - Stop mode will be entered when the 56800E core executes a STOP instruction
•
01 - The 56800E STOP instruction will not cause entry into Stop mode; STOP_DISABLE can be
reprogrammed in the future
•
10 - The 56800E STOP instruction will not cause entry into Stop mode; STOP_DISABLE can then only be
changed by resetting the device
•
11 - Same operation as 10
6.5.1.6
Wait Disable (WAIT_DISABLE)—Bits 1–0
•
00 - Wait mode will be entered when the 56800E core executes a WAIT instruction
•
01 - The 56800E WAIT instruction will not cause entry into Wait mode; WAIT_DISABLE can be
reprogrammed in the future
•
10 - The HawkV2 WAIT instruction will not cause entry into Wait mode; WAIT_DISABLE can then only
be changed by resetting the device
•
11 - Same operation as 10
6.5.2
SIM Reset Status Register (SIM_RSTSTS)
Bits in this register are set upon any system reset and are initialized only by a Power-On Reset (POR). A
reset (other than POR) will only set bits in the register; bits are not cleared. Only software should clear this
register.
Figure 6-4 SIM Reset Status Register (SIM_RSTSTS)
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
O
0
0
0
0
0
0
0
SWR
COPR
EXTR
POR
0
0
Write
RESET
0
0
00
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com