Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 113Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 114Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 115Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 116Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 117Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 119Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 120Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 184 page
background image
Register Descriptions
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
117
Preliminary
6.5.4
Most Significant Half of JTAG ID (SIM_MSH_ID)
This read-only register displays the most significant half of the JTAG ID for the chip. This register reads
$01D6.
Figure 6-6 Most Significant Half of JTAG ID (SIM_MSH_ID)
6.5.5
Least Significant Half of JTAG ID (SIM_LSH_ID)
This read-only register displays the least significant half of the JTAG ID for the chip. This register reads
$D01D.
Figure 6-7 Least Significant Half of JTAG ID (SIM_LSH_ID)
6.5.6
SIM Pull-up Disable Register (SIM_PUDR)
Most of the pins on the chip have on-chip pull-up resistors. Pins which can operate as GPIO can have these
resistors disabled via the GPIO function. Non-GPIO pins can have their pull-ups disabled by setting the
appropriate bit in this register. Disabling pull-ups is done on a peripheral-by-peripheral basis (for pins not
muxed with GPIO). Each bit in the register (see Figure 6-8) corresponds to a functional group of pins. See
Table 2-2 to identify which pins can deactivate the internal pull-up resistor.
Figure 6-8 SIM Pull-up Disable Register (SIM_PUDR)
6.5.6.1
Reserved —Bit 15
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.6.2
PWMA1—Bit 14
This bit controls the pull-up resistors on the FAULTA3 pin.
Base + $6
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
1
1
1
0
1
0
1
1
0
Write
RESET
0
0
0
0
0
0
0
1
110
1
011
0
Base + $7
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
1
0
1
0
0
0
0
0
0
0
1
1
1
0
1
Write
RESET
1
1
0
1
0
0
0
0
000
1
110
1
Base + $8
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
PWMA1
CAN
EMI_
MODE
RESET
IRQ
XBOOT
PWMB
PWMA0
0
CTRL
0
JTAG
00
0
Write
RESET
00
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com