Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 134Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 135Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 136Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 137Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 138Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 139Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 140Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 141Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
138
Freescale Semiconductor
Preliminary
Part 10 Specifications
10.1 General Characteristics
The 56F8367/56F8167 are fabricated in high-density CMOS with 5V-tolerant TTL-compatible digital
inputs. The term “5V-tolerant” refers to the capability of an I/O pin, built on a 3.3V-compatible process
technology, to withstand a voltage up to 5.5V without damaging the device. Many systems have a mixture
of devices designed for 3.3V and 5V power supplies. In such sytems, a bus may carry both 3.3V- and
5V-compatible I/O voltage levels (a standard 3.3V I/O is designed to receive a maximum voltage of 3.3V
± 10% during normal operation without causing damage). This 5V-tolerant capability therefore offers the
power savings of 3.3V I/O levels combined with the ability to receive 5V levels without damage.
Absolute maximum ratings in Table 10-1 are stress ratings only, and functional operation at the maximum
is not guaranteed. Stress beyond these ratings may affect device reliability or cause permanent damage to
the device.
Note: All specifications meet both Automotive and Industrial requirements unless individual
specifications are listed.
Note: The 56F8167 device is guaranteed to 40HMz and specified to meet Industrial requirements only.
CAUTION
This device contains protective circuitry to guard
against damage due to high static voltage or electrical
fields. However, normal precautions are advised to
avoid
application
of
any
voltages
higher
than
maximum-rated voltages to this high-impedance circuit.
Reliability of operation is enhanced if unused inputs are
tied to an appropriate voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com