Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 137Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 138Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 139Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 140Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 141Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 142Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 143Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 144Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 184 page
background image
General Characteristics
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
141
Preliminary
Note: The 56F8167 device is guaranteed to 40HMz and specified to meet Industrial requirements only;
CAN is NOT available on the 56F8167 device.
Note: Total chip source or sink current cannot exceed 200mA
See Pin Groups in Table 10-1.
Table 10-4 Recommended Operating Conditions
(VREFLO = 0V, VSS = VSSA_ADC = 0V, VDDA = VDDA_ADC = VDDA_OSC_PLL )
Characteristic
Symbol
Notes
Min
Typ
Max
Unit
Supply voltage
VDD_IO
33.3
3.6
V
ADC Supply Voltage
VDDA_ADC
VREFH
VREFH must be less than or
equal to VDDA_ADC
33.3
3.6
V
Oscillator / PLL Supply Voltage
VDDA_OSC
_PLL
33.3
3.6
V
Internal Logic Core Supply
Voltage
VDD_CORE
OCR_DIS is High
2.25
2.5
2.75
V
Device Clock Frequency
FSYSCLK
0
—
60
MHz
Input High Voltage (digital)
VIH
Pin Groups 1, 2, 5, 6, 9, 10
2—
5.5
V
Input High Voltage (analog)
VIHA
Pin Group 13
2—
VDDA+0.3
V
Input High Voltage (XTAL/EXTAL,
XTAL is not driven by an external
clock)
VIHC
Pin Group 11
VDDA-0.8
—
VDDA+0.3
V
Input high voltage (XTAL/EXTAL,
XTAL is driven by an external clock)
VIHC
Pin Group 11
2—
VDDA+0.3
V
Input Low Voltage
VIL
Pin Groups
1, 2, 5, 6, 9, 10, 11, 13
-0.3
—
0.8
V
Output High Source Current
VOH = 2.4V (VOH min.)
IOH
Pin Groups 1, 2, 3
—
—
-4
mA
Pin Groups 5, 6, 7
——
-8
Pin Group 8
——
-12
Output Low Sink Current
VOL = 0.4V (VOL max)
IOL
Pin Groups 1, 2, 3, 4
——
4
mA
Pin Groups 5, 6, 7
——
8
Pin Group 8
——
12
Ambient Operating Temperature
(Automotive)
TA
-40
—
125
°C
Ambient Operating Temperature
(Industrial)
TA
-40
—
105
°C
Flash Endurance (Automotive)
(Program Erase Cycles)
NF
TA = -40°C to 125°C
10,000
—
—
Cycles
Flash Endurance (Industrial)
(Program Erase Cycles)
NF
TA = -40°C to 105°C
10,000
—
—
Cycles
Flash Data Retention
TR
TJ <= 85°C avg
15
—
—
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com