Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 135Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 136Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 137Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 138Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 139Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 140Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 141Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 142Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 184 page
background image
General Characteristics
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
139
Preliminary
Note: The 56F8167 device is specified to meet Industrial requirements only; CAN is NOT available on the
56F8167 device.
Note: Pins in italics are NOT available in the 56F8167 device.
Pin Group 1: TXD0-1, RXD0-1, SS0, MISO0, MOSI0
Pin Group 2: PHASEA0, PHASEA1, PHASEB0, PHASEB1, INDEX0, INDEX1, HOME0, HOME1, ISB0-2, ISA0-2, TD2-3, TC0-1, SCLK0
Pin Group 3: RSTO, TDO
Pin Group 4: CAN_TX
Pin Group 5: A0-5, D0-15, GPIOD0-5, PS, DS
Pin Group 6: A6-15, GPIOB0-7, TD0-1
Pin Group 7: CLKO, WR, RD
Pin Group 8: PWMA0-5, PWMB0-5
Pin Group 9: IRQA, IRQB, RESET, EXTBOOT, TRST, TMS, TDI, CAN_RX, EMI_MODE, FAULTA0-3, FAULTB0-3
Pin Group 10: TCK
Pin Group 11: XTAL, EXTAL
Pin Group 12: ANA0-7, ANB0-7
Pin Group 13: OCR_DIS, CLKMODE
Table 10-1 Absolute Maximum Ratings
(VSS = VSSA_ADC = 0)
Characteristic
Symbol
Notes
Min
Max
Unit
Supply Voltage
VDD_IO
-0.3
4.0
V
ADC Supply Voltage
VDDA_ADC,
VREFH
VREFH must be less than or
equal to
VDDA_ADC
-0.3
4.0
V
Oscillator / PLL Supply Voltage
VDDA_OSC_PLL
-0.3
4.0
V
Internal Logic Core Supply Voltage
VDD_CORE
OCR_DIS is High
-0.3
3.0
V
Input Voltage (digital)
VIN
Pin Groups 1, 2, 5, 6, 9, 10
-0.3
6.0
V
Input Voltage (analog)
VINA
Pin Groups 11, 12, 13
-0.3
4.0
V
Output Voltage
VOUT
Pin Groups 1, 2, 3, 5, 6, 7, 8
-0.3
4.0
6.01
1. If corresponding GPIO pin is configured as open drain.
V
Output Voltage (open drain)
VOD
Pin Group 4
-0.3
6.0
V
Ambient Temperature (Automotive)
TA
-40
125
°C
Ambient Temperature (Industrial)
TA
-40
105
°C
Junction Temperature (Automotive)
TJ
-40
150
°C
Junction Temperature (Industrial)
TJ
-40
125
°C
Storage Temperature (Automotive)
TSTG
-55
150
°C
Storage Temperature (Industrial)
TSTG
-55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com