Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 5 Page - STMicroelectronics

  ST33TPHF20SPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 5 of 47
NON-PROPRIETARY DOCUMENT
Marking
P68HAHB7
P68HAHB8
FW version
49.05
P68HAHB7 corresponds to the module configured by default in TPM1.2 execution mode. This
module is listed as it can be configured in TPM2.0 execution mode as described in §1.7.
P68HAHB8 corresponds to the module configured by default in TPM2.0 execution mode.
Figure 3: Picture of the Cryptographic Module (TSSOP28)
– Marking P68HAHB7 &
P68HAHB8
Figure 4: Picture of the Cryptographic Module (VQFN32)
– Marking P68HAHB7 &
P68HAHB8
1.2.3
AHB9
This configuration of the security module implement only the version 2.0 of the Trusted
Computing Group (TCG) specification for Trusted Platform Modules (TPM). The current FIPS
140-2 level2 security policy always applies (no mode lock requested) to this security module
configuration.
Table 3: Security module configuration
Module configuration
Product name / HW
version
ST33TPHF20I2C/
ST33HTPH revision A
Package
TSSOP28
VQFN32
Part number
ST33HTPH2028AHB9
ST33HTPH2032AHB9
Marking
P68HAHB9
FW version
4A.05
Figure 5: Picture of the Cryptographic Module (TSSOP28)
– Marking P68HAHB9
Figure 6: Picture of the Cryptographic Module (VQFN32)
– Marking P68HAHB9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com