Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 24Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 21 of 47
NON-PROPRIETARY DOCUMENT
2
IDENTIFICATION AND AUTHENTICATION POLICY
This chapter gives details about the roles managed by TPM.
2.1
Roles
Services proposed by TPM are accessible under different roles. Next table defines the different
roles supported by the TPM.
Table 15: Roles
Role
Description
Type of
authentication
Authentication data
Crypto officer (CO)
Role that requires knowledge of the
authValue or authPolicy associated to one of
the hierarchy (incl. lockout).
Role based
256-bit secret data
(authValue and/or
authPolicy)
User (U)
Role that requires knowledge of the
authValue or authPolicy associated to one
object or NV index.
Role based
160-bit or 256-bit secret
data (authValue and/or
authPolicy).
Authorization depends
on userWithAuth object
attribute.
Admin (A)
The object Administrator controls the
certification of an object (TPM2_Certify and
TPM2_ActivateCredential) and controls
changing of the authValue of an object
(TPM2_ObjectChangeAuth).
Role based
160-bit or 256-bit secret
data (authValue and/or
authPolicy).
Authorization depends
on adminWithPolicy
object attribute.
DUP (D)
This authorization role is only used for
TPM2_Duplicate(). If duplication is allowed,
authorization must always be provided by a
policy session and the authPolicy equation of
the object must contain a command that
sets the policy command code to
TPM_CC_Duplicate.
Role based
160-bit or 256-bit secret
data (authPolicy).
Some commands can also be executed without any authorization role. Those commands are
marked as NA in the service list table (Table 18: Command support table).
The security module does NOT provide a Maintenance Role or Maintenance Interface and
does NOT support concurrent operators.
Roles are implicitly selected by TPM operator on command execution (cf. Table 18 for
correspondence between service and supported role) by proving knowledge of the
authorization value or knowledge of the policy sequence (nature of authorization session
indicates the type of authorization) that are associated with the object the command is
operating on.
An operator might switch from one role to another by executing commands requiring different
roles and proving knowledge of the authorization value or policy sequence of objects the role
is associated to.
2.2
Authentication
2.2.1
Description
In FIPS approved mode of operation, TPM uses a mechanism for authorization that consists
in:
1.
Opening an authorization session that may be of the following types:
a.
HMAC
b.
Policy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com