Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 3 Page - STMicroelectronics

  ST33TPHF20SPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 3 of 47
NON-PROPRIETARY DOCUMENT
1
MODULE DESCRIPTION
1.1
Definition
The ST33TPHF20SPI / ST33TPHF20I2C Trusted Platform Module are fully integrated security
modules designed to be integrated into personal computers and other embedded systems.
The security module is used primarily for cryptographic key generation, key storage and key
management as well as generation and secure storage for digital certificates.
The TPM is a single chip cryptographic HW module as defined in [FIPS 140-2]. The single
silicon chip is encapsulated in a hard, opaque, production grade integrated circuit (IC)
package.
The cryptographic boundary is defined as the perimeter of the IC package. The security
module supports SPI and I2C interfaces compliant with the Trusted Computing Group (TCG)
specification for PC Client [PTP 0.43]. The HW and FW cryptographic boundaries are indicated
in §1.4 of the current document.
The security module implements version 2.0 of the Trusted Computing Group (TCG)
specification for Trusted Platform Modules (TPM).
1.2
Module identification
The hardware and firmware versions covered by the FIPS evaluation are identified as follow:
Hardware version: ST33HTPH revision A
Firmware version: 49.00 (SPI) / 4A.00 (SPI) / 49.04 (SPI) / 4A.04 (SPI) / 49.05 (I2C) /
4A.05 (I2C)
FW version can be retrieved via response to the command TPM2_GetCapability with property
set to TPM_PT_FIRMWARE_VERSION_1.
The
cryptographic services are provided by the cryptographic library “NesLib 5.1 for ST33”.
The product is manufactured in two packages:
TSSOP28
TSSOP 28-pin
4.4 x 9.7 mm
VQFN32
Very thin pitch Quad pack no-lead 32-pin
5 x 5 mm
The security module is available in the following configurations:
1.2.1
AHB3 / AHB4
These configurations of the security module implement both version 1.2 and version 2.0 of the
Trusted Computing Group (TCG) specification for Trusted Platform Modules (TPM). Versions
are exclusive and security module manufactured will operate in a default mode (TPM1.2 or
TPM2.0) depending on the configuration.
The current FIPS 140-2 level2 security policy applies to these security module configurations
when the module is irreversibly locked in TPM2.0 mode (cf. §1.7.3 for mode lock
recommendations). As a consequence the TPM FW version 1.2 is excluded from the security
requirements of FIPS 140-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com