Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 35Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 36Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 37Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 38Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 39Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 40Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 41Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 42Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 39 of 47
NON-PROPRIETARY DOCUMENT
FW
integrity
FW integrity is verified by computing an EDC (CRC-16 ISO 13239) and comparing it to
reference values. FW integrity is verified during boot sequence before execution of one of
the code block (CML, AFL and TPM) and during full self-tests execution. If failure is
detected during boot sequence, TPM enters an infinite reset loop that can be exit only by
power-off/power-on sequence. In failure is detected during self-tests, status is set to FAIL
and error is returned.
HW
integrity
HW integrity is guaranteed via check of HW sensors. If failure is detected during boot
sequence, status is set to FAIL and error is returned.
4.2
Asymmetric cryptography self-tests list
Table 22 : Asymmetric cryptography self-tests list
Algorithm
tested
Test description
RSA
A known key is loaded (2048 bits length). Signature RSASSA-PKCS1-v1_5 is generated
on known data (20 bytes). Output of signature is compared to a reference signature.
Signature verification is performed on the generated signature.
ECDH
A known private key d (32 bytes length) is used with a known point P of NIST P-256
curve to compute P = dQ. Q is compare to known reference point.
ECDSA
A known private key (256 bits) is used to generate ECDSA signature based on NIST P-
256 curve. Output of signature is compared to a reference signature. Signature
verification is performed on the generated signature.
4.3
Conditional tests list
Table 23 : TPM conditional tests
Algorithm tested
Test description
FW integrity
FW integrity is verified by computing an EDC (CRC-16 ISO 13239) and comparing it
to reference values.
Hash-DRBG
Each 32 bytes of generated data are compared to the previous generated data. If
data are equal, status is set to FAIL and error is returned.
NDRNG
TPM performs AIS31 statistical test verification on NDRNG output and continuous
HW self-tests (AS09.42) on NDRNG 48-bits output sequence. If test fails, TRNG_ERR
bit is raised in SEC_STAT register. Status is set to FAIL and error is returned.
FW load
During field upgrade procedure, several checks are performed before authorizing
the FW to be upgraded:
-
Verification of signature (RSASSA-PSS) on the first data blob to ensure
authentication of the FW
-
Verification of digest (SHA256) on each subsequent blob to guarantee
integrity of the full FW.
RSA key
generation
A new RSA key is generated or retrieved from pre-computed keys (done in BKG).
Depending on the key purpose (signing or encrypting) indicated in sign attribute of
the key, en/decryption or signing/verification is done on known data (16 bytes).
ECC key
generation
On each ECC key generation, an ECDSA signature is generated and verified on
curve NIST P-256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com