Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 37Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 38Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 39Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 40Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 41Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 42Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 43Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 44Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 41 of 47
NON-PROPRIETARY DOCUMENT
5
PHYSICAL SECURITY POLICY
The security module meets Physical Security protection requirements for FIPS level 2. CSPs
are physically protected from unexpected disclosure and modification. Security module is
tamper evident, encapsulated in an opaque package. Regular visual inspection must be
conducted by user to check that HW integrity of the chip has not been damaged. Some
physical security protection mechanisms beyond the requirements for level 2 have been
implemented and are described in
“Mitigations of other attacks”.
Normal operating ranges are defined in the respective TOE datasheet [ST33TPHF2ESPI DS]
/ [ST33TPHF20SPI DS] / [ST33TPHF2EI2C DS] / [ST33TPHF20I2C DS]:
Temperature:
The normal operating temperature range of the security module is -40°C to +105°C.
Voltage:
The normal operating voltage range of the security module is 1.8V or 3.3V (±10%).
Frequency:
The internal system clock is created by an internal oscillator.
Operation outside these ranges is not guaranteed, but physical security mechanisms are
implemented to assure that CSPs remain protected from unauthorized disclosure, usage,
modification or deletion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com