Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 19 of 47
NON-PROPRIETARY DOCUMENT
Zeroize all CSPs listed in Table 17: Keys and CSPs list that could potentially be used
by FIPS non-approved algorithms in FIPS approved mode
1.7.4
Limited and error modes
TPM may reach specific states depending on sequence of operation that occurred.
1.7.4.1
Shutdown mode
The shutdown mode is an infinite HW reset loop that may be exit only by a power-off/power-
on sequence. This state is entered when TPM detects that a FW integrity check failed during
the TPM boot sequence.
1.7.4.2
Failure mode
Failure mode is a state of TPM that restricts the commands that can be executed to
TPM2_GetCapability / TPM2_GetTestResult. TPM answers to all other commands with a
specific error code: TPM_RC_FAILURE (0x101). This state is entered when one (except FW
integrity test) of the self-tests fails.
1.7.4.3
Reduced mode
The reduced mode is a specific state of the field upgrade mode (refer to §6) that can be
reached if the on-going field upgrade procedure failed due to an error detected in the field
upgrade commands received. In reduced mode, only a subset of commands might be
executed: TPM2_FieldUpgradeStart / TPM2_FieldUpgradeData / TPM2_GetCapability /
TPM2_GetTestResult / TPM2_SelfTest. TPM answers to all other commands with the error
TPM_RC_COMMAND_CODE (0x143). Reduced mode can be exited in case of the reception
of a successful TPM2_FieldUpgradeStart command that reloads the previous installed
firmware.
1.8
Ports and interfaces
The physical port of the security module is the SPI bus or I2C Bus. The logical interfaces and
their mapping to physical ports of the module are described below:
Table 14 : Ports and interfaces
Logical interface
Description
Physical port
Control Input
Interface
Control Input commands
issued to the security
module
SPI : SPI_CS / SPI_CLK / MOSI /
SPI_RST / PP
I2C : SCL / SDA / RESET / PP
Status Output
Interface
Status data output by the
chip
SPI : SPI_CS / SPI_CLK / MISO /
SPI_PIRQ
I2C : SCL / SDA / PIRQ
Data Input Interface
Data provided to the chip
as part of the data
processing commands
SPI : SPI_CS / SPI_CLK / MOSI
I2C : SCL / SDA
Data Output
Interface
Data output by the chip as
part of the data processing
command
SPI : SPI_CS / SPI_CLK / MISO
I2C : SCL / SDA
Power interface
Power interface of the chip
VPS / GND
Here are some details concerning the ports and interfaces of TPM:
1.
The module does not include a maintenance interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com