Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 11Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 9 of 47
NON-PROPRIETARY DOCUMENT
Next table gives a description of the products pins.
Table 6: ST33TPHF20 Pin definition (SPI configuration)
Signal
Type
Description
VPS
Input
Power supply. This pin must be connected to 1.8V or 3.3V DC
power rail supplied by the motherboard.
GND
Input
GND has to be connected to the main motherboard ground.
SPI_RST
Input
SPI Reset used to re-initialize the device
MISO
Output
SPI Master Input, Slave Output (output from slave)
MOSI
Input
SPI Master Output, Slave Input (output from master)
SPI_CLK
Input
SPI serial clock (output from master)
SPI_CS
Input
SPI slave select (active low; output from master)
SPI_PIRQ
Output
SPI IRQ used by TPM to generate an interrupt
PP
Input
Physical presence, active high, internal pull-down. Used to
indicate Physical Presence to the TPM.
NiC
-
Not internally connected: not connected to the die. May be left
unconnected but no impact on TPM if connected.
NC
-
Not Connected: connected to the die but not usable. May be left
unconnected. Internal pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com