Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 16 of 47
NON-PROPRIETARY DOCUMENT
KTS (AES
cert #4336 +
HMAC cert
#2875)
KTS (AES
cert #4336 +
HMAC cert
#3122)
KTS (AES
cert #4336 +
HMAC cert
#3124)
3539
SHS
FIPS 180-4
SHA-1, SHA-256
Message digest
Vendor
affirmation
CKG
SP800-133
(per IG D.12)
Direct generation,
Generation
Key generation1
Table 10: Allowed algorithms
Algorithm
Caveat
Use
RSA
Key length = 1024 bits
Digital signature verification
RSA key
wrapping
Key length = 2048 bits
Key establishment
SHA-1
NA
Digital signature verification
NDRNG
NA
Seed or reseed DRBG 800-90A (with approximatively 366 bits of
entropy). Generate random numbers not dedicated to be used as
cryptographic material.
Table 11: Non-approved algorithms
Algorithm
Use
RSA (key length = 1024 bits)
Key and digital signature generation
SHA-1
Digital signature generation
ECSchnorr
Digital signature generation and verification
ECDAA
Digital signature generation
1.7
Modes of Operation
This security policy only applies to the security module when TPM operator follows the
recommendations from:
§1.7.1 to set and irreversibility lock the security module in the TPM2.0 mode and
exclude the non-compliant mode TPM1.2 that is outside the scope of the evaluation
§1.7.2 to execute all self-tests required in a FIPS 140-2 approved mode of operation
§1.7.3 to use the security module in a FIPS 140-2 approved mode of operation
1 Symmetric keys and seeds used for generating the asymmetric keys are either generated by using
KBKDF or DRBG methods. Methods are detailed per CSPs in Table 17: Keys and CSPs list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com