Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 34Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 35Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 36Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 37Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 38Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 39Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 40Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 41Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 38 of 47
NON-PROPRIETARY DOCUMENT
4
SELF-TESTS
Self-tests run by the cryptographic module are split in three categories:
Power-up self-tests
Full self-tests
Conditional self-tests
The power-on self-tests do not require operator intervention in order to run. Power-on self-
tests execution completes all tests except KATs on asymmetric algorithms (RSA, ECDSA,
ECDH). Completion of power-on self-tests allows the TPM to be in a limited approved mode
allowing to process only a subset of TPM commands (see §1.7.2.1).
To switch from limited approved mode to full approved mode, operator shall execute
TPM_SelfTestFull command. This command requests the module to switch mode by
executing all self-tests listed in Table 22 : Asymmetric cryptography self-tests list (power-up
self-tests plus the remaining self-tests, that mainly concern asymmetric cryptography).
The security module
outputs an “error” Return Code via the status interface when the error
state is entered due to a failed self-test. While in error state, security module does not perform
any cryptographic functions and all data output via the data output interface are inhibited.
If power-on self-tests have passed successfully, no status is indicated but commands that
require self-tests to be completed can be successfully executed.
4.1
Power-up tests list
Table 21 : Power-up self-tests list
Algorithm
tested
Test description
SHA1
SHA1 computation on known data (16 bytes) and comparison of output to the expected
digest (20 bytes)
SHA256
SHA256 computation on known data (16 bytes) and comparison of output to the expected
digest (32 bytes)
HMAC
SHA256
HMAC-SHA256 computation on known data (16 bytes) / known key (16 bytes, same value
as data) and comparison of output to the expected MAC (32 bytes). Self-test allows
validating the secure SHA algorithm also used in standalone (out of HMAC context).
KDF SP800-
108
KDF (based on SHA1) computation on known data (16 bytes) / known label (“TEST”) and
comparison of output to the expected value (32 bytes).
Hash-
DRBG
Instantiate, Generate and Reseed API are tested in a single test sequence in accordance
with §11.3 of [SP800-90A]. Output of HDRBG (55 bytes) is compared to a reference value.
AES
AES CFB encryption is done on known data (32 bytes) / known key (16 bytes) and known IV
(16 bytes, same value as key). The 32 bytes output data are compared to the expected
reference data. If comparison succeeds, AES CFB decryption is done on encrypted data
with same key & same IV as encryption. 32 bytes output are compared to the initial
plaintext data.
Triple-DES
Triple-DES CFB encryption is done on known data (32 bytes) / known key (24 bytes) and
known IV (8 bytes). The 32 bytes output data are compared to the expected reference
data. If comparison succeeds, Triple-DES CFB decryption is done on encrypted data with
same key & same IV as encryption. 32 bytes output are compared to the initial plaintext
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com