Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 24Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 25Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 22 of 47
NON-PROPRIETARY DOCUMENT
2.
Executing the expected policy commands sequence in case of policy authorization
session (defined policy must follow recommendations listed in §1.7.3).
3.
Do the comparison between reference value and computed value. If both match,
command execution is authorized.
More details on HMAC and policy sessions can be found in §19 of [TPM2.0 Part1 r1.16].
2.2.2
Authorization strength
As minimum value of authorization or policy values might be 160-bit random values (based on
unbiased distribution of ‘0’ and ‘1’), the probability for an attacker to guess the authorization
data is:
1
2160
= 6.84 ∗ 10−49
This value is then higher than the minimum of 1*10-6 required by [FIPS140-2].
The number of attempts per minute that an attacker can make is limited by the DAM (Dictionary
Attack Mechanism). DAM consists in counting the number of failed authentication. When this
counter reaches a pre-defined threshold, a lockout period is started. During this period, no
authorized command execution is allowed and a specific error is returned in TPM response
until period expires. Next table indicates the threshold values and the lockout durations:
Table 16: DAM lockout durations
Failed authentication counter
>31
Lockout period (in seconds)
7200
This table indicates that an attacker can do a maximum (during the first minute) of 32 trials per
minute before DAM being active. As a result the probability per minute that a random attempt
will lead to a successful authorization matches FIPS requirements. Value is equal to:
32 ∗
1
2160
= 2.19 ∗ 10−47
This value is then higher than the minimum of 1*10-5 required by [FIPS140-2].
NB: commands handling (reception, processing and response sending) is negligible compared
to the lockout periods and not taken into account in the above computation.
NB2: DAM parameters might be changed by using TPM2_DictionnaryAttackParameters
command. However to operate in a FIPS approved mode, they shall not be changed in order
not to decrease the authorization strength computed above.
2.2.3
Authorization protection
By following recommendations to operate in FIPS mode of operation, authorization data
associated to objects, NV indexes or hierarchies are never output from TPM in plaintext form
and thus are protected from unauthorized disclosure.
Authorization can be changed via the following services:
TPM2_ObjectChangeAuth
TPM2_HierarchyChangeAuth
TPM2_NV_ChangeAuth
As indicated in Table 18, roles that imply authentication are associated with these services
meaning that authentication are protected against unauthorized modification and substitution.
TPM authorization mechanism (HMAC or policy digest comparison) does not provide any
information about authentication data or policy sequence. Authentication indicates pass
(command executed) or fail (command not executed) and does not provide feedback that
could weaken the strength of authentication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com