Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF20SPI Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 24Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 25Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 26Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 27Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 28Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 25 of 47
NON-PROPRIETARY DOCUMENT
HMAC used in TPM2B_PRIVATE integrity protection generation or
verification
23
sensitive
Object sensitive part that might be passed as encrypted parameter to
TPM2_Create command or generated with KDFa from seed or primary seed (if
sensitiveDataOrigin attribute is set) in case object is a symmetric key or a
HMAC key. For RSA or ECC key, sensitive corresponds to the private key.
Depending on object’s nature, sensitive is used as key for:
en/decryption (RSA, AES, TDES)
signature generation (RSA, ECDSA, HMAC)
secret value exchange (ECDH)
Available key lengths correspond to the ones listed in Table 9: Approved
algorithms (Key nature and length are selected by user thanks to the interface
of the keys creation commands).
TPM2_Clear
(owner &
endorsement)
TPM2_Change
PPS (platform)
TPM2_Change
EPS
(endorsement)
NV Indexes
24
authValue
0 to 32 bytes authorization data defined during NV index creation
(TPM2_DefineSpace) used to authorize commands based on this object.
Value can be changed with command TPM2_NV_ChangeAuth.
It is used as:
HMAC and/or KDFa keys or part of keys in authorization session based on
HMAC or password.
Secret value extended into policyDigest on TPM2_PolicySecret command
TPM2_NV_Und
efineSpace
/
TPM2_NV_Und
efineSpaceSpec
ial
25
authPolicy
0 to 32 bytes authorization data defined during object creation
(TPM2_DefineSpace) used to authorize commands based on this object.
It is used as reference value for a comparison in case of policy session
TPM2_NV_Und
efineSpace
/
TPM2_NV_Und
efineSpaceSpec
ial
Sessions
26
salt
Value passed encrypted (with a loaded decrypt key) to
TPM2_StartAuthSession.
It is used as:
Part of KDFa key to generate the sessionKey (cf. [TPM2.0 Part1 r1.16]
§19.6)
Transient value
only available
during
TPM2_StartAut
hSession
processing
27
sessionKey
Key generated by KDFa (cf. [TPM2.0 Part1 r1.16] §19.6) and whose value
depends on salt and bind parameters of TPM2_StartAuthSession command
(size depends on symmetric algorithm used).
It is used as:
HMAC key used to generate and verify command authorization
Part of KDFa key used to generate encryption key and IV of encryption-
based session
TPM2_FlushCo
ntext
28
encryption key
and IV of
encryption-based
session
Symmetric key and IV generated by KDFa (cf. [TPM2.0 Part1 r1.16] §21.3) from
sessionKey
and object’s authValue.
It is used as key and IV for:
Symmetric en/decryption of first parameter of command/response if
parameter structure is of type TPM2B_
TPM2_FlushCo
ntext
Context
29
contextKey
16 bytes randomly generated by HDRBG at each TPM reset.
It is used as:
1st part of key used in KDFa to generate a symmetric encryption key and IV
used in context blob en/decryption.
TPM reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com