Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 35Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 36Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 37Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 38Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 39Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 40Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 41Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 42Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
39
A.
Appendix
A.1
PSoC 5LP Prototyping Kit Schematics
EXTREF0
EXTREF1
PSoC 5LP Target Device
USER LED
USB Connector
PSoC 5LP Program/Debug Header
PSoC 5LP I/O Header
PSoC 5LP I/O Header
P3_2,P0_2, P0_3 and P0_4
these pins
have bypass CAP
connected
This signals will be coming from Kitprog from Breakable area
SAR1 EXTREF
provide silk
for UART pins
provide silk
for I2C pins
PCA:
121-60210-01
PCB:
600-60243-01
FAB DRW:
610-60235-01
ASSY DRW: 620-60243-01
SCH:
630-60242-01
SAR0 EXTREF
CMOD
USER PUSH BUTTON
SAR Bypass Capacitors
UART TX
UART RX
UART TX
UART RX
P1_1
PROG_SWDCLK
P1_0
PROG_SWDIO
P_SWO
P1_3
P_TDI
P1_4
VSSA
XRES
PROG_RESET
XRES
VDDA
P0_0
P0_1
P12_0
P12_1
P2_6
P2_7
P12_4
P1_2
P3_7
P3_6
P2_1
P12_5
P1_5
P_SWO
PROG_RESET
PROG_SWDCLK
P_TDI
PROG_SWDIO
P15_3
P15_2
VDDD
VSSD
P_VCCD
VDDIO1
VDDIO3
P12_2
P12_3
P2_2
P3_4
P3_5
P3_2
P3_3
P3_1
P3_0
P3_6
P3_7
P15_3
P15_2
P15_1
P15_0
P0_6
P0_7
P0_1
P0_5
P0_4
P0_3
P0_2
P0_0
P15_4
P15_5
DM
P3_2
XRES
XRES
P2_4
P2_5
P2_0
P2_1
P2_2
P2_3
P2_6
P2_7
P12_3
P12_2
P12_5
P12_4
P12_6
P12_7
I2C_SDA
P12_1
I2C_SCL
P12_0
P1_2
P1_3
P1_4
P1_5
P1_6
P1_7
P1_1
P1_0
VDDIO0
VDDIO1
VDDIO2
VDDIO3
P0_3
P0_2
P0_3
P0_2
P_VCCD
VCCA
P0_4
P15_4
VCCA
VSSD
DP
VDDA
DP
DM
P12_7
P12_6
P15_3
P15_2
VTARG
VTARG
VTARG
VTARG
VDD
VTARG
P5LP_VDD
VDD
VDDIO
VDDIO
VDDIO
VDD
VDD
P5LP_VDD
P5LP_VDD
I2C_SDA
I2C_SCL
UART RX
UART TX
PROG_SWDIO
PROG_SWDCLK
PROG_RESET
Title
Size
Document Number
Rev
Date:
Sheet
of
CYPRESS SEMICONDUCTOR © 2015
630-60242-01
06
CY8CKIT-059 PSoC 5LP Prototyping Kit
B
23
Tuesday, June 16, 2015
Title
Size
Document Number
Rev
Date:
Sheet
of
CYPRESS SEMICONDUCTOR © 2015
630-60242-01
06
CY8CKIT-059 PSoC 5LP Prototyping Kit
B
23
Tuesday, June 16, 2015
Title
Size
Document Number
Rev
Date:
Sheet
of
CYPRESS SEMICONDUCTOR © 2015
630-60242-01
06
CY8CKIT-059 PSoC 5LP Prototyping Kit
B
23
Tuesday, June 16, 2015
0603
C37
1.0 uF
0402
C18
0.1 uF
SOD123
D2
0603
C36
1.0 uF
0603
C26
1.0 uF
J2
HDR 1x26
No Load
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
26
26
0603
R23
ZERO
21
Y1
32.768 KHz
No Load
J4
HEADER 1X 2
No Load
R20
ZERO
0402
C29
0.1 uF
0402
C22
0.1 uF
0402
C42
22 pF
0603
C13
1.0 uF
J5
50MIL KEYED SMD
No Load
1
3
5
7
9
2
4
6
8
10
0402
C35
0.1 uF
R11
ZERO
R12
100K
J3
HDR 1x5
No Load
1
1
3
3
2
2
4
4
5
5
R19
4.7K
No Load
0402
C27
0.1 uF
0402
C17
0.1 uF
No Load
J1
HDR 1x26
No Load
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
26
26
TP3
BLACK
No Load
R17
22E
F1
PTC Resettable Fuse
0402
C32
0.1 uF
0402
C33
0.1 uF
SW2
SW PUSHBUTTON
No Load
1
2
C19 0.01 uF
TP1
BLACK
No Load
TP2
BLACK
No Load
R15
ZERO
0603
C31
1.0 uF
C4
2200 pF
J6
USB Micro-B
VBUS
1
DM
2
DP
3
ID
4
GND
5
0603
C12
1.0 uF
0402
C23
0.1 uF
R18
820 ohm
0603
R22
ZERO
0805
LED1
User LED BLUE
2
1
R16
22E
0603
C21
1.0 uF
0402
C41
22 pF
SW1
Switch
1A
1B
2A
2B
0402
C20
0.1 uF
0603
C9
1.0 uF
0603
R5
ZERO
0402
C34
0.1 uF
U2
CY8C5888LTI-LP097 QFN68
P2_6
1
P2_7
2
P12_4 I2C0_SCL, SIO
3
P12_5 I2C0_SDA, SIO
4
VSSB
5
IND
6
VBOOST
7
VBAT
8
VSSD
9
XRES
10
P1_0
11
P1_1
12
P1_2
13
P1_3
14
P1_4
15
P1_5
16
VDDIO1
17
VDDIO3
35
P0_3
51
P0_2
50
P0_1
49
P0_0
48
SIO_P12_3
47
SIO_P12_2
46
VSSD
45
VDDA
44
VSSA
43
VCCA
42
P15_3
41
P15_2
40
SIO, I2C1_SDA P12_1
39
SIO, I2C1_SCL P12_0
38
P3_7
37
P3_6
36
0603
C7
1.0 uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com