Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 12Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 13Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 14Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 15Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 16Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 17Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 18Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 19Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
16
3.
Kit Operation
This chapter introduces you to the different features of the PSoC 5LP Prototyping Kit. This primarily
includes the programming/debugging functionality, KitProg USB-UART and USB-I2C bridges, and
the method to update the KitProg firmware.
3.1
Theory of Operation
Figure 3-1 shows the block diagram for the PSoC 5LP Prototyping Kit.
Figure 3-1. Block Diagram of PSoC 5LP Prototyping Kit
The PSoC 5LP Prototyping Kit is simplistic in design and focuses on providing you with complete
access to develop applications using the PSoC 5LP device family. This kit supports the following
features:
KitProg: It is an onboard programmer/debugger, which enables programming and debugging the
target PSoC 5LP device. It can also act as a USB-UART and UART-I2C bridge.
When used as a standalone module, it can be used to program devices of the PSoC 3, PSoC 4,
or PSoC 5LP families through the SWD interface. For more details on the KitProg functionality,
refer to the KitProg User Guide in the kit installation directory:
<Install_Directory>\CY8CKIT-
059\<version>\Documentation\KitProg_User_Guide.pdf
Expansion Headers: The PSoC 5LP Prototyping Kit brings all I/Os of the device to the two
expansion headers, allowing you to have maximum access to the capabilities of the PSoC 5LP
device.
Micro-USB Connector: The onboard micro-USB connector provides access to the USB block of
the PSoC 5LP device. This connector enables you to develop USB applications.
User LED: The onboard LED can be used to display outputs from the PSoC 5LP device. This
includes modulating the brightness of the LED to notify different states of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com