Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 36Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 37Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 38Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 39Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 40Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 41Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 42Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 43Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
40
Kitprog on-board Programmer / Debugger
Target PSoC Program/Debug Header
I2C & UART Connection
Status LED
Power LED
USB Finger Connector
P3_3, P3_2, P0_7, P0_6, P0_5, P0_4
pins are
reserved for HW REV ID
5(MSB)
4321
0(LSB)
P0.4
P0.5
P0.6
P0.7
P3.2
P3.3
Floating
Floating
Floating
Floating
GND
GND
GND read as binary "1"
floating pin is read as binary "0"
PCA:
121-60210-01
PCB:
600-60243-01
FAB DRW:
610-60235-01
ASSY DRW: 620-60243-01
SCH:
630-60242-01
SAR Bypass
Capacitor
Place Near PSoC 5LP
KitProg I/O Headers
VCCA
KP_P0_0
KP_P0_1
KP_P12_0
KP_P12_1
VSSD
KP_P12_2
KP_P2_6
KP_P2_7
KP_P12_4
KP_P3_6
KP_VDDIO3
KP_P12_3
KP_P3_1
KP_P12_5
KP_P12_0
KP_P12_1
KP_P2_7
KP_P2_6
KP_P12_3
KP_P12_2
KP_P12_4
KP_P3_4
KP_P3_0
KP_P3_5
KP_P0_0
KP_P3_6
KP_P0_1
KP_DM
KP_DP
KP_P12_7
KP_P12_6
KP_P12_5
UART RX
UART TX
I2C_SDA
I2C_SCL
PROG_RESET
KP_VDDIO2
KP_VDDIO0
KP_VDDIO1
KP_VDDIO1
KP_VDDIO3
KP_VCCD
VDDA
VDDD
VDDD
VDDA
VCCA
KP_P1_6
KP_P1_7
KP_P0_3
KP_P0_2
KP_P0_4
KP_P0_3
KP_P0_2
VSSD
KP_XRES
KP_XRES
VTARG
VBUS
KP_VDD
VBUS
VTARG
VBUS
VBUS
VTARG
VBUS
VBUS
VTARG
KP_VDD
KP_VDD
KP_VDD
I2C_SDA
I2C_SCL
UART RX
UART TX
PROG_SWDIO
PROG_SWDCLK
PROG_RESET
Title
Size
Document Number
Rev
CYPRESS SEMICONDUCTOR © 2015
630-60242-01
06
CY8CKIT-059 PSoC 5LP Prototyping Kit
B
Title
Size
Document Number
Rev
CYPRESS SEMICONDUCTOR © 2015
630-60242-01
06
CY8CKIT-059 PSoC 5LP Prototyping Kit
B
Title
Size
Document Number
Rev
CYPRESS SEMICONDUCTOR © 2015
630-60242-01
06
CY8CKIT-059 PSoC 5LP Prototyping Kit
B
U3
NTZD3152P
0402
C11
0.1 uF
F2
PTC Resettable Fuse
R10
560 ohm
0603
C16
1.0 uF
0603
C30
1.0 uF
0603
C38
1.0 uF
C28
1.0 uF
0603
C15
1.0 uF
0402
C39
0.1 uF
SW3
Switch
1A
1B
2A
2B
0805
LED2
POWER LED Amber
2
1
J7
HDR 1x5
No Load
1
1
3
3
2
2
4
4
5
5
R13
30K
R8
ZERO
0402
C5
0.1 uF
J8
HDR 1x7
No Load
1
2
3
4
5
6
7
R21
820 ohm
0805
LED3
Status LED Green
2
1
C8
1.0 uF
U1
CY8C5868LTI-LP039 QFN68
P2_6
1
P2_7
2
P12_4 I2C0_SCL, SIO
3
P12_5 I2C0_SDA, SIO
4
VSSB
5
IND
6
VBOOST
7
VBAT
8
VSSD
9
XRES
10
P1_0
11
P1_1
12
P1_2
13
P1_3
14
P1_4
15
P1_5
16
VDDIO1
17
VDDIO3
35
P0_3
51
P0_2
50
P0_1
49
P0_0
48
SIO_P12_3
47
SIO_P12_2
46
VSSD
45
VDDA
44
VSSA
43
VCCA
42
P15_3
41
P15_2
40
SIO, I2C1_SDA P12_1
39
SIO, I2C1_SCL P12_0
38
P3_7
37
P3_6
36
R9
2.2K
0402
C3
0.1 uF
0603
C24
1.0 uF
0402
C1
0.1 uF
R1
4.7K
No Load
R2
15K
D1
0603
C25
1.0 uF
R14
30K
0402
C10
0.1 uF
0402
C14
0.1 uF
0402
C2
0.1 uF
No Load
J10
USB FINGER
VBUS
1
DM
2
DP
3
GND
4
R7
2.2K
J9
HDR 1x7
No Load
1
2
3
4
5
6
7
0402
C40
0.1 uF
0402
C6
0.1 uF
R3
15K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com