Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 24Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 25Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 26Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 27Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 28Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 29Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 30Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 31Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
28
Hardware
4.2.6
User and Passive Inputs
4.2.6.1
Push Button
The target PSoC 5LP board contains a single push button connected to the P2.2 pin on the
PSoC 5LP device. This button can be used for general user inputs or to control different states in an
application.
Figure 4-8. Push Button on the Board
4.2.6.2
Reset/Boot Button
The KitProg board contains a push button connected to the XRES pin on the target PSoC 5LP
device and P12_4 of the KitProg device. This button serves two functions:
Reset the PSoC 5LP device: When this button is pressed, XRES line of the PSoC 5LP is
connected to ground, which, in turn, resets the target device.
Bootload the KitProg: When this button is pressed while plugging the KitProg into the USB port of
the PC, the KitProg enters the bootloader mode. In this mode, bootloadable applications can be
downloaded on the KitProg device.
Figure 4-9. Reset/Boot Button
Reset Button
The target board also provides a footprint for a through-hole switch, which can be used to reset the
device when the two boards are separated.
Figure 4-10. Reset (RST) Button
 
USER PUSH BUTTON
P2_2
SW1
Switch
1A
1B
2A
2B
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com