Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 13Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 14Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 15Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 16Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 17Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 18Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 19Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 20Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
17
Kit Operation
Push Button (SW): This kit has a push button, which can be used to provide input to the
PSoC 5LP.
Note: The switch connects the PSoC 5LP pin to ground when pressed. Therefore, you need to
configure the PSoC 5LP pin as resistive pull-up to detect the switch press.
Reset Button: This button is used for the following purposes:
Reset the PSoC 5LP device: When pressed, it connects the XRES line of the PSoC 5LP to
ground and resets the PSoC 5LP device.
Bootload the KitProg: When pressed while connecting the kit’s PCB USB connector to the
USB port of the PC, this button puts the KitProg into the bootloader mode. For more details on
the KitProg functionality, refer to the KitProg User Guide.
Note: When the two boards are separated, you can mount the SW2 button on the target board to
reset the PSoC 5LP device using a switch.
3.2
KitProg
The KitProg is a multi-functional system, which includes a programmer, debugger, USB-I2C bridge,
and a USB-UART bridge. The Cypress PSoC 5LP device is used to implement KitProg functionality.
The KitProg is integrated in most PSoC development kits. For more details on the KitProg
functionality,
refer
to
the
KitProg
User
Guide
in
the
kit
installation
directory:
<Install_Directory>\CY8CKIT-059\<version>\Documentation\
KitProg_User_Guide.pdf
.
3.3
Programming and Debugging the PSoC 5LP Target Device
The target PSoC 5LP device can be programmed and debugged using the KitProg. Before
programming the device, ensure that PSoC Creator and PSoC Programmer software are installed
on the PC. See Install Software on page 13 for more information.
3.3.1
Programming using PSoC Creator
1. Connect the kit to the computer through the PCB USB connector, J10, as shown in Figure 3-2.
The kit will enumerate as a composite device, if you are plugging in the PSoC 5LP Prototyping Kit
to your PC for the first time.
Figure 3-2. Connecting the PSoC 5LP Prototyping Kit to a Computer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com