Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 38Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 39Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 40Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 41Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 42Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 43Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 44Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 45Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
42
A.3
Bill of Materials
Item Qty
Reference
Value
Description
Mfr Name
Mfr Part Number
11
N/A
N/A
PCB,
108.89mm × 24.13mm,
High Tg, ENIG finish, 2 layer,
Color = BLACK,
Silk = WHITE
Cypress
Semiconductor
600-60178-01
219
C1, C3, C5,
C6, C10, C11,
C14, C18,
C20, C22,
C23, C27,
C29, C32,
C33, C34,
C35, C39,
C40
0.1 uF
CAP .1UF 16V CERAMIC
Y5V 0402
AVX Corporation
0402YG104ZAT2A
3
1
C4
2200 pF
CAP CER 2200PF 50V 5%
NP0 0805
Murata Electronics
GRM2165C1H222JA01D
417
C7, C8, C9,
C12, C13,
C15, C16,
C21, C24,
C25, C26,
C28, C30,
C31, C36,
C37, C38
1.0 uF
CAP CERAMIC 1.0UF 25V
X5R 0603 10%
Taiyo Yuden
TMK107BJ105KA-T
5
1
C19
0.01 uF
CAP 10000PF 16V
CERAMIC 0402 SMD
TDK Corporation
C1005X7R1C103K050BA
6
2
C41, C42
22 pF
CAP CER 22PF 50V 2%
C0G 0402
TDK Corporation
C1005C0G1H220G050BA
7
2
D1, D2
MBR0520L
DIODE, SCHOTTKY, 20V,
0.5A, 400mW, SOD-123
Fairchild
Semiconductor
MBR0520L
8
2
F1, F2
PTC
Resettable
Fuse
FUSE, PTC Resettable,
0.50A, 16V, 1210, SMD
Bel Fuse Inc
0ZCH0050FF2G
9
1
J6
USB Micro-B
CONN RCPT STD MICRO
USB TYPE B
FCI
10103594-0001LF
10
1
LED1
User LED
BLUE
LED, BLUE, CLEAR, 0805,
SMD
Lite-On Inc
LTST-C170TBKT
11
1
LED2
POWER LED
Amber
LED 595NM AMB DIFF
0805 SMD
Avago Technologies
US Inc.
HSMA-C170
12
1
LED3
Status LED
Green
LED GREEN CLEAR 0805
SMD
Chicago Miniature/
Visual
Communications
Company-VCC
CMD17-21VGC/TR8
13
2
R2, R3
15K
RES SMD 15K OHM 5%
1/10W 0402
Panasonic - ECG
ERJ-2GEJ153X
14
4
R4, R6, R16,
R17
22E
RES, 22 OHM, 1%,
100PPM, 1/16W, 0402
Panasonic - ECG
ERJ-2RKF22R0X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com