Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 19Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 20Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 21Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 22Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 23Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 24Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 25Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 26Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
23
Hardware
4.2.3
Power Supply System
The power supply system on this board is dependent on the source of the power. For most
applications, you can use the 5-V supply from the USB connection to power the system. You can
also connect an external power supply to the board for low-voltage applications. The kit supports the
following connections:
5 V from the KitProg USB
5 V from the PSoC 5LP target USB (this will not power the KitProg section of the board)
3.3 V to 5.5 V from a regulated supply connected to VDD (this will not power the KitProg section
of the board)
Note: To use an external power supply, while KitProg is connected to the PCB USB, remove diode,
D1, from the board. This ensures that VTARG supply from KitProg is not supplied to the target
device. KitProg measures the target voltage and adjusts the logic levels on the programming pins
accordingly.
This prototyping kit does not have an onboard ESD protection circuitry. Therefore, the power source
for the PSoC 5LP Prototyping Kit must be of a high quality to ensure that the board is protected from
any over-current conditions and swapped-power connections.
4.2.3.1
Measure PSoC 5LP Current Consumption
You can measure the current consumption of the PSoC 5LP device by using one of these methods:
Method 1:
1. Separate the KitProg board by 'snapping' the perforated edge between the two boards.
2. Power the remaining prototyping board via any of the VDD or VTARG terminals.
3. Place an ammeter in series with the VDD or VTARG connection to measure the current
consumption.
Method 2:
1. Remove the resistor R20 and install a 2-pin jumper in the supplied holes of J4.
2. Connect an ammeter across the 2-pin jumper to measure the current to the PSoC 5LP device.
This method can be used either with USB power or with power supplied to one of the VTARG pins
but not when supplying to one of the VDD pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com