Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 3Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 4Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 5Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 6Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 7Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 8Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 9Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 10Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
7
1.
Introduction
Thank you for your interest in the CY8CKIT-059 PSoC 5LP Prototyping Kit. This kit is designed as an
easy-to-use and inexpensive prototyping platform. The PSoC 5LP Prototyping Kit supports the
PSoC 5LP device family, delivering a complete system solution for a wide range of embedded
applications at a very low cost. The PSoC 5LP is the industry’s most integrated SoC with an Arm®
Cortex™-M3 CPU. It combines programmable and reconfigurable high-precision analog and digital
blocks with flexible automatic routing. The unique flexibility of the PSoC 5LP architecture will help
those who want to rapidly develop products using the PSoC 5LP device family.
The PSoC 5LP Prototyping Kit offers an open footprint breakout board to maximize the end-utility of
the PSoC 5LP device. This kit provides a low-cost alternative to device samples while providing a
platform to easily develop and integrate the PSoC 5LP device into your end-system. In addition, the
board includes the following features:
Micro-USB connector to enable USB application development
Onboard CMOD capacitors to enable CapSense® development
Bypass capacitors to ensure the high-quality ADC conversions
An LED to provide feedback
A push button to provide a simple user input
Load capacitors to connect 32-kHz external crystal oscillator
3.3-V to 5.5-V operation
The PSoC 5LP prototyping kit also integrates the Cypress KitProg that enables onboard
programming, debugging, and bridging functionality, such as USB-UART and USB-I2C. The KitProg
is used to program and debug the target PSoC 5LP device (see Figure 1-1). The prototyping kit
allows you to separate the KitProg board from the PSoC 5LP target board.
1.1
Kit Contents
This kit contains only the PSoC 5LP Prototyping Kit board.
Figure 1-1. CY8CKIT-059 PSoC 5LP Prototyping Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com