Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 18Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 19Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 20Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 21Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 22Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 23Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 24Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 25Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
22
Hardware
4.2.2
KitProg Board
PSoC 5LP on the KitProg board is used to program and debug the target PSoC 5LP device. The
KitProg PSoC 5LP connects to the USB port of the PC through the PCB USB connector and to the
SWD interface of the target PSoC 5LP device.
Figure 4-3. Schematic of PSoC 5LP (KitProg)
P3
pin
5(MSB)
4
P3.2
P3.3
Floating
GND
GND read as binary "1
floating pin is read
Place Near PSoC 5LP
VCCA
KP_P0_0
KP_P0_1
KP_P12_0
KP_P12_1
VSSD
KP_P12_2
KP_P2_6
KP_P2_7
KP_P12_4
KP_P3_6
KP_VDDIO3
KP_P12_3
KP_P12_5
KP_VDDIO1
VDDA
KP_P1_6
KP_P1_7
KP_P0_3
KP_P0_2
VSSD
KP_XRES
KP_XRES
VTARG
VBUS
U1
CY8C5868LTI-LP039 QFN68
P2_6
1
P2_7
2
P12_4 I2C0_SCL, SIO
3
P12_5 I2C0_SDA, SIO
4
VSSB
5
IND
6
VBOOST
7
VBAT
8
VSSD
9
XRES
10
P1_0
11
P1_1
12
P1_2
13
P1_3
14
P1_4
15
P1_5
16
VDDIO1
17
VDDIO3
35
P0_3
51
P0_2
50
P0_1
49
P0_0
48
SIO_P12_3
47
SIO_P12_2
46
VSSD
45
VDDA
44
VSSA
43
VCCA
42
P15_3
41
P15_2
40
SIO, I2C1_SDA P12_1
39
SIO, I2C1_SCL P12_0
38
P3_7
37
P3_6
36
d
R2
15K
R3
15K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com