Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 39Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 40Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 41Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 42Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 43Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 44Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 45Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 46Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
43
15
3
R5, R22, R23 ZERO
RES SMD 0.0 OHM
JUMPER 06O3 1/10W
Panasonic - ECG
ERJ-3GEY0R00V
16
2
R7, R9
2.2K
RES 2.2K OHM 1/10W 5%
0603 SMD
Panasonic - ECG
ERJ-3GEYJ222V
17
1
R10
560 ohm
RES, 560 OHM, 5%,
200PPM, 1/10W, 0603, SMD
Panasonic - ECG
ERJ-3GEYJ561V
18
1
R12
100K
RES 100K OHM 1/10W 5%
0402 SMD
Panasonic - ECG
ERJ-2GEJ104X
19
2
R13, R14
30K
RES SMD 30K OHM 5%
1/10W 0402
Panasonic - ECG
ERJ-2GEJ303X
20
4
R8, R11, R15,
R20
ZERO
RES SMD 0.0 OHM
JUMPER 1/8W 0805
Panasonic - ECG
ERJ-6GEY0R00V
21
2
R18, R21
820 ohm
RES, 820 OHM, 5%, 1/10W,
0603
Panasonic - ECG
ERJ-3GEYJ821V
22
2
SW1, SW3
Switch
SW, TACTILE SWITCH,
SPST-NO, 0.05A, 32V
C&K Components
KMR221GLFS
23
1
TVS1
TVS DIODE
DIODE, TVS, 5V, 350W,
SOD-323
Semtech
SD05.TCT
24
1
U1
CY8C5868LTI
-LP039
QFN68
PSoC 5LP CYC58LP, 67
MHz
Cypress
Semiconductor
CY8C5868LTI-LP039
25
1
U2
CY8C5888LTI
-LP097
QFN68
PSoC 5LP CYC58LP, 80
MHz
Cypress
Semiconductor
CY8C5888LTI-LP097
26
1
U3
NTZD3152P
FET DUAL P-CH 20V
430mA SOT-563
ON Semiconductor
NTZD3152PT1G
No Load Components
1
2
C2, C17
0.1 uF
CAP .1UF 16V CERAMIC
Y5V 0402
AVX Corporation
0402YG104ZAT2A
2
2
J1, J2
HDR 1x26
CONN HDR BRKWAY
26POS VERT
2.54mm,15AU, TH
TE Connectivity
2-104427-4
3
2
J3, J7
HDR 1x5
CONN HEADER 5POS .100
VERT TIN
Molex
22-23-2051
4
1
J4
HDR 1x2
CONN HEADR BRKWAY
.100 02POS STR
TE Connectivity
9-146280-0-02
51
J5
50MIL
KEYED SMD
CONN, HEADER, MALE,
1.27mm, 10POS, GOLD,
SMD
Samtec Inc
FTSH-105-01-L-DV-K
6
2
J8, J9
HDR 1x7
CONN HEADER FEMALE
7POS .1" GOLD
Sullins Connector
Solutions
PPPC071LFBN-RC
7
2
R1, R19
4.7K
RES SMD 4.7K OHM 5% 1/
10W 0402
Panasonic - ECG
ERJ-2GEJ472X
81
SW2
SW PUSH-
BUTTON
SWITCH TACTILE SPST-
NO 0.05A 12V
C&K Components
PTS635SL50 LFS
Item Qty
Reference
Value
Description
Mfr Name
Mfr Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com