Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8CKIT-059 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 9Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 10Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 11Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 12Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 13Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 14Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 15Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 16Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
13
2.
Software Installation
This chapter describes the steps to install the software tools and packages on a PC for using the
PSoC 5LP Prototyping Kit. This includes the IDE on which the projects will be built and used for
programming.
2.1
Before You Begin
All Cypress software installations require administrator privileges, but these are not required to run
the software after it is installed. Close any other Cypress software that is currently running before
installing the kit software.
Note: By default, the kit contents are installed in the C:\Program Files\Cypress folder, for a
32-bit machine and C:\Program Files (x86)\Cypress, for a 64-bit machine. This directory will
contain the kit code examples. To open these code examples, it is recommended to use the
procedure described in the Code Examples chapter on page 31. This procedure will create an
editable copy of the code example in a path that you chose so that the original installed code
examples will not be modified.
2.2
Install Software
Follow these steps to install the PSoC 5LP Prototyping Kit software:
1. Download the PSoC 5LP Prototyping Kit software from www.cypress.com/CY8CKIT-059. The kit
software is available in three formats for download.
a. CY8CKIT-059 Kit Setup: This installation package contains the files related to the kit including
PSoC Creator, PSoC Programmer, and PDL. However, it does not include the Windows
Installer or Microsoft .NET framework packages. If these packages are not on your computer,
the installer will direct you to download and install them from the Internet.
b. CY8CKIT-059 Kit Only: This executable file installs only the kit contents, which include kit
code examples, hardware files, and user documents. This package can be used if all the
software prerequisites (listed in step 5) are installed on your PC.
c. CY8CKIT-059 DVD ISO: This file is a complete package, stored in a DVD-ROM image format,
that you can use to create a DVD or extract using an ISO extraction program such as WinZip
or WinRAR. The file can also be mounted like a virtual CD/DVD using virtual drive programs
such as Virtual CloneDrive and MagicISO. This file includes all the required software, utilities,
drivers, hardware files, and user documents.
2. If you have downloaded the ISO file, mount it in a virtual drive. Extract the ISO contents if you do
not have a virtual drive to mount. Double-click cyautorun.exe in the root directory of the extracted
content or mounted ISO if "Autorun from CD/DVD" is not enabled on the PC. The installation
window will appear automatically. Note: If you are using the "Kit Setup" or "Kit Only" file, then go
to step 4 for installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com