Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 2Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 3Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 4Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 5Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 6Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 7Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 8Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 9Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 10Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-5
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.0
Inductive Proximity Sensors
Introduction
Extended Range Sensors
Extended range proximity sensors by Eaton’s Electrical Sector offer sensing distances almost three
times greater than conventional devices. They are available in semi-shielded designs: mounted
similar to an embeddable sensor—and non-embeddable designs requiring more metal free zone
area than conventional unshielded sensors. All are available in a variety of circuits and terminations.
Target Material
When manufacturers of
inductive proximity sensors
state the sensing range of
their devices, they are usually
based upon a ferrous target
made of carbon-rolled steel
(IE FE 360) defined by
ISO630. For example, in
this product guide the
E57P-18SPN5-C2 has a
sensing range of 5 mm based
upon a target of mild steel.
Sensing ranges to targets
made of non-ferrous metals
have to have a correction
factor applied as listed in the
table below. To use this
table, multiply the sensing
distance of the device by
the factor given.
Example: The E57P-18SPN5-C2
has a sensing range of
5 mm. When used to sense
a brass target, the sensing
range becomes 2.25 mm
(5 mm x 0.45).
Table of Correction Factors
Multiply sensing range of device by factor given below.
Correction Factors
Target Size
Often overlooked when
applying sensors is the fact
that the manufacturer’s
stated sensing ranges are
also dependent upon target
size. The table below reflects
the standard target sizes
which were used to
determine sensing ranges.
If targets are the same size
or greater than standard, no
reduction in sensing distance
will occur. However, a
smaller target size will result
in a decrease in sensing
range.
A general rule of thumb is
that the target size shall be
three times the range or the
size of the sensor face,
whichever is larger.
Standard Target Size 1
Note
1 Targets are 1 mm thick.
Sensor Size
Target
4–8 mm
12 mm
18 mm
30 mm
Limit Switch
Stainless steel 400
0.90
0.90
1.0
1.0
1.0
Stainless steel 300
0.65
0.70
0.70
0.75
0.85
Brass
0.35
0.45
0.45
0.45
0.5
Aluminum
0.35
0.40
0.45
0.40
0.47
Copper
0.30
0.25
0.35
0.30
0.40
Standard Sensing Range
Extended Sensing Range
Target
Shielded Devices
Unshielded Devices
Semi-Shield Devices
Non-Embeddable Devices
4 mm
4 mm square
4 mm square
—
—
5 mm
5 mm square
5 mm square
—
—
6.5 mm
6.5 mm square
6.5 mm square
—
—
8 mm
8 mm square
8 mm square
—
—
12 mm
12 mm square
12 mm square
18 mm square
30 mm square
18 mm
18 mm square
24 mm square
36 mm square
60 mm square
30 mm
30 mm square
45 mm square
66 mm square
—
Limit switch
45 mm square
72 mm square
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com