Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 86 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 86 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 82Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 83Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 84Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 85Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 86Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 87Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 88Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 89Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 90Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-85
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.14
Inductive Proximity Sensors
E52 Rectangular Style Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
E52 Rectangular Style Sensors
Dimensions
Approximate Dimensions in Inches (mm) except where noted
E52 Rectangular Style Sensors
R12
Note: Dimensions are mm only.
Q16
Q25
R18
Operating
Voltage
Output
Cable Models
Nano-Connector Models
(Face View Male Shown)
Three-Wire Sensors
DC
NPN
PNP
BU
BN
(–)
+V
BK
Load
(–)
+V
Load
BU
BN
(_)
+V
BK
Load
(–)
+V
Load
0.39
(10)
ø0.13
(ø3.3)
0.69
(17.5)
1.15
(29.2)
1.00
(25.5)
LED
0.66
(17)
0.65
(16.5)
0.71
(18)
ø0.47
(ø12)
ø0.16
(ø4)
0.28 (7)
1.77 (45)
1.97 (50)
0.98
(25)
LED
0.71
(18)
0.24 (6)
M8
0.39
(10)
0.47 (12)
0.91 (23)
1.18 (30)
0.13 x 0.18
(3.2 x 4.6)
M8
0.71
(18)
0.24 (6)
0.39
(10)
0.91 (23)
1.18 (30)
0.13 x 0.18
(3.2 x 4.6)
LED
LED
0.18 (4.6)
0.17 (4.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com