Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 90 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 90 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 86Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 87Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 88Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 89Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 90Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 91Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 92Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 93Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 94Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-89
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.16
Inductive Proximity Sensors
E51 Modular Limit Switch Style Sensors
Product Selection
Standard Sensors—Assembled with Terminal Wiring
Standard E51 sensors feature long sensing ranges and a choice of top or side sensing heads.
Alternate frequency units eliminate interference when mounted close to standard frequency
units. Order sensors in component form, as assembled plug-in units, or in a sealed version
where the sensor body is factory assembled to an epoxy filled receptacle with tamper-proof
screws to ensure a lasting seal.
Assembled Sensors—Standard (with Terminal Wiring)
Notes
1 All sensor heads feature a programmable output selector switch for NO or NC operation. Operation is as follows:
2 Logic module must be ordered separately, see Page V8-T3-91. These sensor bodies are rated NEMA 4, 4X and 13.
3 Receptacles feature terminal wiring with a 1/2 in NPT thread at the conduit entrance.
Other connection options are available:
Sensor Body and Receptacle
Two-Wire Sensors
Four-Wire Sensors
Operating voltage
20–264 Vac/dc
120 Vac
10–30 Vdc
Output
NO or NC 1
NO and NC complementary
NO and NC complementary
Sensor body
E51SAL
E51SCL
E51SCN
Accepts logic
modules 2
E51SPL
PNP
E51SNL
NPN
Receptacle 3
E51RA
E51RC
E51RCB
E51RN
E51RN
Sensing
Range
Shielding
Frequency
Sensor Head Only
Assembled Sensors with Head, Sensor Body and Receptacle
Catalog Number
Catalog Number
Top Sensing
0.51 in
(13 mm)
Shielded
Standard
E51DT1
E51ALT1
E51CLT1
E51CNT1
E51PLT1
E51NLT1
Alternate
E51DT2
E51ALT2
E51CLT2
E51CNT2
E51PLT2
E51NLT2
0.94 in
(24 mm)
Unshielded
Standard
E51DT5
E51ALT5
E51CLT5
E51CNT5
E51PLT5
E51NLT5
Alternate
E51DT6
E51ALT6
E51CLT6
E51CNT6
E51PLT6
E51NLT6
Side Sensing
0.51 in
(13 mm)
Shielded
Standard
E51DS1
E51ALS1
E51CLS1
E51CNS1
E51PLS1
E51NLS1
Alternate
E51DS2
E51ALS2
E51CLS2
E51CNS2
E51PLS2
E51NLS2
0.94 in
(24 mm)
Unshielded
Standard
E51DS5
E51ALS5
E51CLS5
E51CNS5
E51PLS5
E51NLS5
Alternate
E51DS6
E51ALS6
E51CLS6
E51CNS6
E51PLS6
E51NLS6
For This Output Type:
Set Selector Position:
“TARGET”
“NO TARGET”
NO
Target present
Target absent
NC
Target absent
Target present
Connection Option
Catalog Number
Code
Suffix
Example
20 mm thread at the conduit entrance
—
20
E51ALT120
Mini-connector termination with epoxy
filled receptacle, see Page V8-T3-92 for
additional receptacle options
Two-wire,
3-pin connector
CSMS3F3CY1602
P3
E51ALT1P3
Four-wire,
5-pin connector
CSMS5D5CY1602
P5
E51CLT1P5
Pre-wired cable with epoxy filled
receptacle
8 ft long
—
S
E51ALT1S
12 ft long
—
S12
E51ALT1S12
20 ft long
—
S20
E51ALT1S20
Top Sensing
Assembled Sensor
Sensor Heads 1
Side Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com