Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 14 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 14 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 10Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 11Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 12Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 13Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 14Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 15Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 16Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 17Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 18Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-13
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.1
Inductive Proximity Sensors
iProx Sensors
Note: Custom iProx models can also be ordered directly from the factory with pre-set ranges, outputs and connectors.
Consult the Eaton Application Engineers at 1-800-426-9184 for more information.
Three-Wire Sensors
Notes
See listing of compatible connector cables on Page V8-T3-15.
1 For sensors with custom cable lengths or PUR jackets, contact Application Engineering at 1-800-426-9184.
2 Sensors are ordered with pre-set outputs from the factory, but can be later programmed either NO or NC using the ProxView software.
3 Standard pigtail cable length is 12 in.
Operating
Voltage
Sensing
Range
Shielding
Connection Type 1
NO Output
Catalog Number 2
NC Output
Catalog Number 2
12 mm Diameter
6–48 Vdc
4 mm
Shielded
4-pin micro DC connector
E59-M12A105D01-D1
E59-M12A105D01-D2
4-pin micro DC pigtail 3
E59-M12A105D01P-D1
E59-M12A105D01P-D2
2-meter cable
E59-M12A105C02-D1
E59-M12A105C02-D2
10 mm
Unshielded
4-pin micro DC connector
E59-M12C110D01-D1
E59-M12C110D01-D2
4-pin micro DC pigtail 3
E59-M12C110D01P-D1
E59-M12C110D01P-D2
2-meter cable
E59-M12C110C02-D1
E59-M12C110C02-D2
18 mm Diameter
6–48 Vdc
8 mm
Shielded
4-pin micro DC connector
E59-M18A108D01-D1
E59-M18A108D01-D2
4-pin micro DC pigtail 3
E59-M18A108D01P-D1
E59-M18A108D01P-D2
2-meter cable
E59-M18A108C02-D1
E59-M18A108C02-D2
18 mm
Unshielded
4-pin micro DC connector
E59-M18C116D01-D1
E59-M18C116D01-D2
4-pin micro DC pigtail 3
E59-M18C116D01P-D1
E59-M18C116D01P-D2
2-meter cable
E59-M18C116C02-D1
E59-M18C116C02-D2
30 mm Diameter
6–48 Vdc
15 mm
Shielded
4-pin micro DC connector
E59-M30A115D01-D1
E59-M30A115D01-D2
4-pin micro DC pigtail 3
E59-M30A115D01P-D1
E59-M30A115D01P-D2
2-meter cable
E59-M30A115C02-D1
E59-M30A115C02-D2
29 mm
Unshielded
4-pin micro DC connector
E59-M30C129D01-D1
E59-M30C129D01-D2
4-pin micro DC pigtail 3
E59-M30C129D01P-D1
E59-M30C129D01P-D2
2-meter cable
E59-M30C129C02-D1
E59-M30C129C02-D2
Standard Range
Extended Range
Standard Range
Extended Range
Standard Range
Extended Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com