Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 65 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 65 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 61Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 62Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 63Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 64Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 65Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 66Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 67Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 68Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 69Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
V8-T3-64
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.9
Inductive Proximity Sensors
High Current Output Sensors
Technical Data and Specifications
High Current Output Sensors
Wiring Diagrams
Four-Wire—PNP
Six-Wire—NO/NO Output
Configuration
Six-Wire—NC/NC Output
Configuration
Dimensions
Approximate Dimensions in Inches (mm)
High Current Output Sensors
Description
Four-Wire Sensors
Six-Wire Sensors
Operating voltage
10 to 55 Vdc
10 to 30 Vdc
Switching rate
250 Hz
100 Hz
Off-state current
100 Aμ maximum
100 Aμ maximum
Voltage drop
1.2 V
2.0 V
Burden current
10 mA at 55 volts
30 mA at 30 volts
Time delay before availability
<100 ms
<100 ms
Output indicator LED
360° visibility
360° visibility
Output type
Solid-state
Solid-state, isolated
Protection
Transient and power on false pulse
Transient and power on false pulse
Enclosure ratings
NEMA 4, 4X, 6, 6P, 12 and 13 (IEC IP67)
NEMA 4, 4X, 6, 6P, 12 and 13 (IEC IP67)
Ambient temperature range
–40 to 158 °F (–40 to 70 °C)
–40 to 158 °F (–40 to 70 °C)
Barrel material
303 stainless steel
303 stainless steel
Cable
2m standard SJO water resistive (18 AWG)
2m standard SJO water resistive (18 AWG)
Shock
30 g sine wave, 11 ms
30 g sine wave, 11 ms
Vibration
10 to 55 Hz, 2 mm amplitude in all 3 planes
10 to 55 Hz, 2 mm amplitude in all 3 planes
2.73 (73.8)
1.41
(36)
1.95 (49.53)
M30 x 1.5
Mounting Nut
Torque:
70 in-lbs
(7.9 Nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com