Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 68 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 68 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 64Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 65Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 66Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 67Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 68Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 69Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 70Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 71Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 72Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-67
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.10
Inductive Proximity Sensors
Small Diameter (4, 5, 6.5, 8 mm) Sensors
Three-Wire Sensors, continued
Note
See listing of compatible connector cables on Page V8-T3-68.
Operating
Voltage
Sensing
Range
Shielding
Output Type
Connection Type
NO Output
Catalog Number
NC Output
Catalog Number
8 mm Diameter Standard Length
10–30 Vdc
1 mm
Shielded
NPN
2-meter cable
E57-08GS01-C
E57-08GS01-C1
3-pin nano-connector
E57-08GS01-CNB
E57-08GS01-C1NB
4-pin micro DC connector
E57-08GS01-CDB
E57-08GS01-C1DB
PNP
2-meter cable
E57-08GS01-G
E57-08GS01-G1
3-pin nano-connector
E57-08GS01-GNB
E57-08GS01-G1NB
4-pin micro DC connector
E57-08GS01-GDB
E57-08GS01-G1DB
3 mm
(extended range)
NPN
2-meter cable
E57-08GE03-C
E57-08GE03-C1
3-pin nano-connector
E57-08GE03-CNB
E57-08GE03-C1NB
4-pin micro DC connector
E57-08GE03-CDB
E57-08GE03-C1DB
PNP
2-meter cable
E57-08GE03-G
E57-08GE03-G1
3-pin nano-connector
E57-08GE03-GNB
E57-08GE03-G1NB
4-pin micro DC connector
E57-08GE03-GDB
E57-08GE03-G1DB
2 mm
Unshielded
NPN
2-meter cable
E57-08GU02-C
E57-08GU02-C1
3-pin nano-connector
E57-08GU02-CNB
E57-08GU02-C1NB
4-pin micro DC connector
E57-08GU02-CDB
E57-08GU02-C1DB
PNP
2-meter cable
E57-08GU02-G
E57-08GU02-G1
3-pin nano-connector
E57-08GU02-GNB
E57-08GU02-G1NB
4-pin micro DC connector
E57-08GU02-GDB
E57-08GU02-G1DB
6 mm
(extended range)
NPN
2-meter cable
E57-08GE06-C
E57-08GE06-C1
4-pin micro DC connector
E57-08GE06-CDB
E57-08GE06-C1DB
PNP
2-meter cable
E57-08GE06-G
E57-08GE06-G1
4-pin micro DC connector
E57-08GE06-GDB
E57-08GE06-G1DB
8 mm Standard Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com