Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 67 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 67 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 63Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 64Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 65Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 66Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 67Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 68Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 69Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 70Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 71Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
V8-T3-66
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.10 Inductive Proximity Sensors
Small Diameter (4, 5, 6.5, 8 mm) Sensors
Product Selection
Small Diameter (4, 5, 6.5, 8 mm) Sensors
Three-Wire Sensors
Note
See listing of compatible connector cables on Page V8-T3-68.
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type
NO Output
Catalog Number
NC Output
Catalog Number
4 mm Diameter (Unthreaded)
10–30 Vdc
0.8 mm
Shielded
(NPN)
2-meter cable
E57EAL4T110SP
—
3-pin nano-connector
E57EAL4T110SN
—
Shielded
(PNP)
2-meter cable
E57EAL4T111SP
—
3-pin nano-connector
E57EAL4T111SN
—
5 mm Diameter
10–30 Vdc
0.8 mm
Shielded
(NPN)
2-meter cable
E57EAL5T110SP
—
3-pin nano-connector
E57EAL5T110SN
—
Shielded
(PNP)
2-meter cable
E57EAL5T111SP
—
3-pin nano-connector
E57EAL5T111SN
—
6.5 mm Diameter (Unthreaded)
10–30 Vdc
1 mm
Shielded
(NPN)
2-meter cable
E57EAL6T110SP
—
3-pin nano-connector
E57EAL6T110SN
—
4-pin micro DC connector
E57EAL6T110SD
—
Shielded
(PNP)
2-meter cable
E57EAL6T111SP
—
3-pin nano-connector
E57EAL6T111SN
—
4-pin micro DC connector
E57EAL6T111SD
—
2 mm
Unshielded
(NPN)
2-meter cable
E57EAL6T110EP
—
3-pin nano-connector
E57EAL6T110EN
—
Unshielded
(PNP)
2-meter cable
E57EAL6T111EP
—
3-pin nano-connector
E57EAL6T111EN
—
8 mm Diameter Short Body
10–30 Vdc
1 mm
Shielded
(NPN)
2-meter cable
E57EAL8T110SP
E57EBL8T110SP
3-pin nano-connector
E57EAL8T110SN
E57EBL8T110SN
4-pin micro DC connector
E57EAL8T110SD
E57EBL8T110SD
Shielded
(PNP)
2-meter cable
E57EAL8T111SP
E57EBL8T111SP
3-pin nano-connector
E57EAL8T111SN
E57EBL8T111SN
4-pin micro DC connector
E57EAL8T111SD
E57EBL8T111SD
2 mm
Unshielded
(NPN)
2-meter cable
E57EAL8T110EP
E57EBL8T110EP
3-pin nano-connector
E57EAL8T110EN
E57EBL8T110EN
4-pin micro DC connector
E57EAL8T110ED
E57EBL8T110ED
Unshielded
(PNP)
2-meter cable
E57EAL8T111EP
E57EBL8T111EP
3-pin nano-connector
E57EAL8T111EN
E57EBL8T111EN
4-pin micro DC connector
E57EAL8T111ED
E57EBL8T111ED
4 mm
5 mm
6.5 mm
8 mm Short Body



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com