Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 92 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 92 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 88Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 89Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 90Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 91Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 92Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 93Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 94Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 95Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 96Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-91
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.16
Inductive Proximity Sensors
E51 Modular Limit Switch Style Sensors
Sensor Bodies
Two-Wire Sensors
Four-Wire Sensors
Logic Module
Logic Module (for E51SCN Sensor Body Only)
Notes
1 This sensor body is available in a factory-sealed, non plug-in configuration (with 8-ft cable),
add 6P to listed catalog number. Example: E51SAL6P.
2 Sensor body is black. E51SCN sensor bodies are rated NEMA 4, 4X and 13.
3 This sensor accepts logic modules, as seen in chart above.
4 Repeatability of the timing cycle is ±1% at constant voltage, ambient temperature and reset time.
5 Reset time is 25 ms minimum. Rated NEMA 4, 4X and 13.
Operating
Voltage
Output
Protection
Output Rating Continuous
Type
Catalog Number
AC/DC
20–264 Vac/dc,
50/60 Hz
1 output, load powered, NO or NC,
programmable from head; off state
leakage current: <1.7 mA at 120 Vac/dc,
<2.0 mA at 240 Vac
Latching short circuit
and overload
0.5 A
—
E51SAL 1
Operating
Voltage
Output
Protection
Output Rating Continuous
Type
Catalog Number
AC
120 Vac,
50/60 Hz
2 complementary outputs, line powered,
NO and NC
—
1.0 A to 158 °F (70 °C), linearly
derated to 0.6 A at 176 °F (80 °C)
—
E51SCL 1
1.0 A to 113 °F (45 °C), linearly
derated to 0.3 A at 176 °F (80 °C)
—
E51SCN 23
DC
10–30 Vdc
2 complementary outputs, line powered,
NO and NC
Reverse polarity
0.6 A to 104 °F (40 °C), linearly
derated to 0.36A at 176 °F (80 °C)
NPN
E51SNL 1
PNP
E51SPL 1
Type
Description
Timing Range 4
Catalog Number
ON and OFF delay
Adjustable delay between time object is sensed
and time switch function occurs
Adjustable delay between time object leaves
sensing field and time switch transfers back to
non-sensing state
0.15 to 15.0 seconds
E51MTB
AC/DC
AC (E51SCN Shown)
DC
Logic Module 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com