Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 63 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 63 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 59Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 60Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 61Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 62Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 63Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 64Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 65Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 66Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 67Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
V8-T3-62
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.9
Inductive Proximity Sensors
High Current Output Sensors
High Current Output Sensors
Contents
Description
Page
High Current Output Sensors
Product Selection . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-63
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-63
Technical Data and Specifications . . . . . . . . . .
V8-T3-64
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-64
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-64
High Current Output Sensors
Product Description
Now there is an alternative to
limit switches for position
sensing on industrial vehicles.
High Current Output Sensors
feature a continuous output
current rating from 2 to 8 A.
These sensors from Eaton’s
Electrical Sector are ideally
suited to handle high current
loads found on such industrial
vehicles as aerial lift trucks,
fork lifts, refuse trucks,
cement mixers, dump trucks,
hook and ladder trucks, front
end loaders, farm equipment
and hundreds of other
vehicles that are constantly
subjected to mechanical
(shock, vibration, collisions)
and environmental (dirt,
grease, ice, rain) abuse that
create havoc with mechanical
devices.
Features
●
Solid-state output can
handle up to 8 A
continuous
●
Ideal for vehicle use to
replace mechanical limit
switches, typically required
to handle high currents
●
Wide voltage and
temperature range covers
most vehicle power
supplies and operating
environments
●
Normally Open and
Normally Closed isolated
outputs
●
SJO cable is available in
custom lengths
●
Dual colored 360° LED
indicating light, green as
power ON and red as
output
Standards and Certifications
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com